Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3142 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3142
Description  1 MHz Notch Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3142 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3142 Datasheet HTML 1Page - KR Electronics, Inc. 3142 Datasheet HTML 2Page - KR Electronics, Inc. 3142 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2014, KR Electronics, Inc.
3142, 1 MHz Notch, Rev 0, March 8, 2014
KR Electronics, Inc.
KR Electronics part number 3142 is a 1 MHz differential notch
filter. The filter has a max 3 dB bandwidth of 300 KHz. Other
center frequencies and bandwidths available. Please consult the
factory.
General Description
KR Electronics, Inc.
Features
 1 MHz Notch Frequency
 300 KHz max 3 dB Bandwidth
 Notch Rejection 40 dB min
 Balanced Input and Output
 100  Source and Load
 BNC Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(5 dB/div)


Similar Part No. - 3142

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3142 ETC1-3142 Datasheet
100Kb / 4P
POTENTIOMETERS INDUCTORS, SMDs SWITCHES, NETWORKS ENCODERS POWER COMPONENTS
3142 ETC2-3142 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
logo
Allegro MicroSystems
3142 ALLEGRO-3142 Datasheet
154Kb / 8P
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
List of Unclassifed Man...
3142 ETC2-3142 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3142 HEYCO-3142 Datasheet
141Kb / 1P
Glossy and Thick Panel Glossy Plugs
More results

Similar Description - 3142

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857061 TRIQUINT-857061 Datasheet
624Kb / 6P
782 MHz Notch Filter
857031 TRIQUINT-857031_15 Datasheet
644Kb / 7P
826 MHz Notch Filter
857061 TRIQUINT-857061_15 Datasheet
624Kb / 6P
782 MHz Notch Filter
logo
KR Electronics, Inc.
2606-SMA KR-2606-SMA Datasheet
93Kb / 3P
5 MHz Notch Filter
3137 KR-3137 Datasheet
96Kb / 3P
500 KHz Notch Frequency
3150 KR-3150 Datasheet
97Kb / 3P
1 MHz Notch Frequency
3168-1435 KR-3168-1435 Datasheet
81Kb / 3P
1435 MHz Notch Filter
3168-1795 KR-3168-1795 Datasheet
84Kb / 3P
1795 MHz Notch Filter
3252-N KR-3252-N Datasheet
83Kb / 3P
3.65 MHz Notch Frequency
3298-10-160 KR-3298-10-160 Datasheet
69Kb / 3P
160 MHz Notch Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com