Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGPC40F Datasheet(PDF) 2 Page - International Rectifier

Part # IRGPC40F
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=27A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPC40F Datasheet(HTML) 2 Page - International Rectifier

  IRGPC40F Datasheet HTML 1Page - International Rectifier IRGPC40F Datasheet HTML 2Page - International Rectifier IRGPC40F Datasheet HTML 3Page - International Rectifier IRGPC40F Datasheet HTML 4Page - International Rectifier IRGPC40F Datasheet HTML 5Page - International Rectifier IRGPC40F Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
C-82
IRGPC40F
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
59
80
IC = 27A
Qge
Gate - Emitter Charge (turn-on)
8.6
10
nC
VCC = 400V
See Fig. 8
Qgc
Gate - Collector Charge (turn-on)
25
42
VGE = 15V
td(on)
Turn-On Delay Time
25
TJ = 25°C
tr
Rise Time
37
ns
IC = 27A, VCC = 480V
td(off)
Turn-Off Delay Time
240
410
VGE = 15V, RG = 10Ω
tf
Fall Time
230
420
Energy losses include "tail"
Eon
Turn-On Switching Loss
0.65
Eoff
Turn-Off Switching Loss
3.0
mJ
See Fig. 9, 10, 11, 14
Ets
Total Switching Loss
3.65
6.0
td(on)
Turn-On Delay Time
28
TJ = 150°C,
tr
Rise Time
37
ns
IC = 27A, VCC = 480V
td(off)
Turn-Off Delay Time
380
VGE = 15V, RG = 10Ω
tf
Fall Time
460
Energy losses include "tail"
Ets
Total Switching Loss
6.0
mJ
See Fig. 10, 14
LE
Internal Emitter Inductance
13
nH
Measured 5mm from package
Cies
Input Capacitance
1500
VGE = 0V
Coes
Output Capacitance
190
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
20
ƒ = 1.0MHz
Notes:
Repetitive rating; VGE=20V, pulse width
limited by max. junction temperature.
( See fig. 13b )
Repetitive rating; pulse width limited
by maximum junction temperature.
Pulse width
≤ 80µs; duty factor ≤ 0.1%.
Pulse width 5.0µs,
single shot.
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
V
VGE = 0V, IC = 250µA
V(BR)ECS
Emitter-to-Collector Breakdown Voltage
20
V
VGE = 0V, IC = 1.0A
∆V(BR)CES/∆TJ Temp. Coeff. of Breakdown Voltage
0.70
V/°C
VGE = 0V, IC = 1.0mA
VCE(on)
Collector-to-Emitter Saturation Voltage
1.7
2.0
IC = 27A
VGE = 15V
2.2
V
IC = 49A
See Fig. 2, 5
1.9
IC = 27A, TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
5.5
VCE = VGE, IC = 250µA
∆VGE(th)/∆TJ Temp. Coeff. of Threshold Voltage
-12
mV/°C VCE = VGE, IC = 250µA
gfe
Forward Transconductance
9.2
12
S
VCE = 100V, IC = 27A
ICES
Zero Gate Voltage Collector Current
250
µA
VGE = 0V, VCE = 600V
1000
VGE = 0V, VCE = 600V, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
±100
nA
VGE = ±20V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
VCC=80%(VCES), VGE=20V, L=10µH,
RG= 10Ω, ( See fig. 13a )
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com