Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGPC40M Datasheet(PDF) 2 Page - International Rectifier

Part # IRGPC40M
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=24A)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPC40M Datasheet(HTML) 2 Page - International Rectifier

  IRGPC40M Datasheet HTML 1Page - International Rectifier IRGPC40M Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C-328
IRGPC40M
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
—
59
80
IC = 24A
Qge
Gate - Emitter Charge (turn-on)
—
8.6
10
nC
VCC = 400V
Qgc
Gate - Collector Charge (turn-on)
—
25
42
VGE = 15V
td(on)
Turn-On Delay Time
—
26
—
TJ = 25°C
tr
Rise Time
—
37
—
ns
IC = 24A, VCC = 480V
td(off)
Turn-Off Delay Time
—
240
410
VGE = 15V, RG = 10Ω
tf
Fall Time
—
230
420
Energy losses include "tail"
Eon
Turn-On Switching Loss
—
0.75
—
Eoff
Turn-Off Switching Loss
—
1.65
—
mJ
Ets
Total Switching Loss
—
2.4
3.6
tsc
Short Circuit Withstand Time
10
—
—
µs
VCC = 360V, T J = 125°C
VGE = 15V, RG = 10Ω, VCPK < 500V
td(on)
Turn-On Delay Time
—
28
—
TJ = 150°C
tr
Rise Time
—
37
—
ns
IC = 24A, VCC = 480V
td(off)
Turn-Off Delay Time
—
380
—
VGE = 15V, RG = 10Ω
tf
Fall Time
—
460
—
Energy losses include "tail"
Ets
Total Switching Loss
—
4.5
—
mJ
LE
Internal Emitter Inductance
—
13
—
nH
Measured 5mm from package
Cies
Input Capacitance
—
1500
—
VGE = 0V
Coes
Output Capacitance
—
190
—
pF
VCC = 30V
Cres
Reverse Transfer Capacitance
—
20
—
ƒ = 1.0MHz
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
—
—
V
VGE = 0V, IC = 250µA
V(BR)ECS
Emitter-to-Collector Breakdown Voltage
20
—
—
V
VGE = 0V, IC = 1.0A
∆V(BR)CES/∆TJ Temp. Coeff. of Breakdown Voltage
—
0.70
—
V/°C
VGE = 0V, IC = 1.0mA
VCE(on)
Collector-to-Emitter Saturation Voltage
—
2.0
—
IC = 24A
—
2.6
—
V
IC = 40A
VGE = 15V
—
2.4
—
IC = 24A, TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
—
5.5
VCE = VGE, IC = 250µA
∆VGE(th)/∆TJ Temperature Coeff. of Threshold Voltage
—
-12
—
mV/°C
VCE = VGE, IC = 250µA
gfe
Forward Transconductance
9.2
12
—
S
VCE = 100V, IC = 24A
ICES
Zero Gate Voltage Collector Current
—
—
250
µA
VGE = 0V, VCE = 600V
—
—
1000
VGE = 0V, VCE = 600V, T J = 150°C
IGES
Gate-to-Emitter Leakage Current
—
—
±100
nA
VGE = ±20V
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Notes:
Repetitive rating; V GE=20V, pulse width
limited by max. junction temperature.
Repetitive rating; pulse width limited
by maximum junction temperature.
Pulse width 5.0µs,
single shot.
Pulse width
≤ 80µs; duty factor ≤ 0.1%.
VCC=80%(VCES), VGE=20V, L=10µH,
RG= 10Ω
Refer to Section D for the following:
Package Outline 3 - JEDEC Outline TO-247AC
Section D - page D-13
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com