Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR050003LAB Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # UR050003LAB
Description  Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Left-angle 5Pin Micro B M-M), 3-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

UR050003LAB Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  UR050003LAB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved UR050003LAB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal Reversible USB 2.0 Hi-Speed Cable
(Reversible A to Left-angle 5Pin Micro B M/M), 3-ft.
MODEL NUMBER: UR050-003-LAB
Description
Tripp Lite UR050-003-LAB, 3-ft. USB 2.0 A to Left-Angle Micro-B cable, features a Universal / Reversible "A"
connector, which takes the guesswork out of which way to position the "A" connector for plugging. Furthermore,
the Left-Angle Micro B connector is ideal for situations where space is at a premium, and reduces stress /
excessive bending on the cable. Micro-USB is the next generation of USB connector that will be found on Cell
Phones, PDA's, USB On-the-Go ( OTG ) devices, Digital Cameras, and more. Smaller and more durable (
10,000 insertion cycles ) than the existing mini-B connectors, the Micro-USB will also handle Power transfers, as well as Data. The USB Implementers Forum (
USB-IF ) has designed the Micro-USB to eliminate many of the proprietary Mini connectors found on different manufacturers digital devices, and it will be the
standard USB connection on phones from the major cell phone manufacturers. USB 2.0 rated cable handles 480Mbps data transfer rates.
Features
Universal / Reversible A connector eliminates guess-work as to connector orientation
Left-Angle Micro B connector ideal in situations where space is at a premium, and reduces stress / excessive bending on the cable
Available in lengths up to 10-ft.
480Mbps USB 2.0 Data Transfer Rates
Data and Power transference
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
Yes
Highlights
Universal / Reversible A
connector eliminates guess-work
as to connector orientation
Left-Angle Micro B connector
ideal in situations where space is
at a premium, and reduces
stress / excessive bending on the
cable
Next Generation USB Digital
Device Connector
Provides both Data and Power
transfers
USB 2.0 480Mbps Transfer rates
System Requirements
Digital devices that use the USB
Micro-B Female socket
Package Includes
3-ft. USB2.0 Universal /
Reversible A to Left-Angle
Micro-USB B Device Cable (A
Male to Micro-B Male)
1 / 2


Similar Part No. - UR050003LAB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
UR050003 TRIPPLITE-UR050003 Datasheet
499Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to 5Pin Micro B M-M), 3-ft
UR05000324G TRIPPLITE-UR05000324G Datasheet
497Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable, 28-24AWG (Reversible A to 5Pin Micro B M/M), 3-ft
UR050003DNB TRIPPLITE-UR050003DNB Datasheet
484Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Down-Angle 5Pin Micro B M-M), 3-ft
UR050003RA TRIPPLITE-UR050003RA Datasheet
486Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible Right - Left Angle A to Micro-B M-M), 3-ft
UR050003RAB TRIPPLITE-UR050003RAB Datasheet
490Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable
More results

Similar Description - UR050003LAB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
UR030003LAB TRIPPLITE-UR030003LAB Datasheet
481Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Left-Angle 5Pin Mini B M-M), 3-ft
UR050001 TRIPPLITE-UR050001 Datasheet
499Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to 5Pin Micro B M-M), 1-ft
UR050001LAB TRIPPLITE-UR050001LAB Datasheet
482Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Left-angle 5Pin Micro B M-M), 1-ft
UR050003 TRIPPLITE-UR050003 Datasheet
499Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to 5Pin Micro B M-M), 3-ft
UR050003DNB TRIPPLITE-UR050003DNB Datasheet
484Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Down-Angle 5Pin Micro B M-M), 3-ft
UR050003UPB TRIPPLITE-UR050003UPB Datasheet
482Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Up-Angle 5Pin Micro B M-M), 3-ft
UR050003WH TRIPPLITE-UR050003WH Datasheet
487Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to 5Pin Micro B M-M) White, 3-ft
UR050006LAB TRIPPLITE-UR050006LAB Datasheet
481Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Left-angle 5Pin Micro B M-M), 6-ft
UR050-003 TRIPPLITE-UR050-003 Datasheet
500Kb / 3P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to 5Pin Micro B M/M) 3-ft
UR050-003-LAB TRIPPLITE-UR050-003-LAB Datasheet
159Kb / 2P
Universal Reversible USB 2.0 Cable (Reversible A to Left-angle 5Pin Micro B M/M), 3-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com