Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGPC50FD2 Datasheet(PDF) 5 Page - International Rectifier

Part # IRGPC50FD2
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V,Ic=39A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPC50FD2 Datasheet(HTML) 5 Page - International Rectifier

  IRGPC50FD2 Datasheet HTML 1Page - International Rectifier IRGPC50FD2 Datasheet HTML 2Page - International Rectifier IRGPC50FD2 Datasheet HTML 3Page - International Rectifier IRGPC50FD2 Datasheet HTML 4Page - International Rectifier IRGPC50FD2 Datasheet HTML 5Page - International Rectifier IRGPC50FD2 Datasheet HTML 6Page - International Rectifier IRGPC50FD2 Datasheet HTML 7Page - International Rectifier IRGPC50FD2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
C-129
IRGPC50FD2
Fig. 7 - Typical Capacitance vs.
Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs.
Gate-to-Emitter Voltage
Fig. 9 - Typical Switching Losses vs. Gate
Resistance
Fig. 10 - Typical Switching Losses vs.
Case Temperature
8.2
8.4
8.6
8.8
9.0
9.2
0
10
20
30
40
50
60
G
R , Gate Resistance (
Ω)
A
V
= 480V
V
= 15V
T
= 25°C
I
= 39A
CC
GE
C
C
1
10
100
-60
-40
-20
0
20
40
60
80
100
120 140 160
C
T , Case Temperature (°C)
A
R
= 5.0
V
= 15V
V
= 480V
G
GE
CC
I
= 78A
I
= 39A
I
= 20A
C
C
C
0
1 0 0 0
2 0 0 0
3 0 0 0
4 0 0 0
5 0 0 0
6 0 0 0
7 0 0 0
1
1 0
1 00
C E
V
, C o llector-to-E m itter V oltage (V )
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GE
ies
ge
gc
ce
res
gc
oes
ce
gc
Cies
Cres
Coes
0
4
8
1 2
1 6
2 0
0
30
6 0
9 0
1 2 0
Q
, T o tal G a te C h a rg e (n C )
g
V
= 48 0V
I
= 39 A
C E
C
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com