Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGPF40F Datasheet(PDF) 1 Page - International Rectifier

Part # IRGPF40F
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=900V,@Vge=15V, Ic=17A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPF40F Datasheet(HTML) 1 Page - International Rectifier

  IRGPF40F Datasheet HTML 1Page - International Rectifier IRGPF40F Datasheet HTML 2Page - International Rectifier IRGPF40F Datasheet HTML 3Page - International Rectifier IRGPF40F Datasheet HTML 4Page - International Rectifier IRGPF40F Datasheet HTML 5Page - International Rectifier IRGPF40F Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
C-261
IRGPF40F
Fast Speed IGBT
INSULATED GATE BIPOLAR TRANSISTOR
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
—
—
0.77
RθCS
Case-to-Sink, flat, greased surface
—
0.24
—
°C/W
RθJA
Junction-to-Ambient, typical socket mount
—
—
40
Wt
Weight
—
6 (0.21)
—
g (oz)
Features
• Switching-loss rating includes all "tail" losses
• Optimized for medium operating frequency (1 to
10kHz) See Fig. 1 for Current vs. Frequency
curve
VCES = 900V
VCE(sat) ≤ 3.3V
@VGE = 15V, IC = 17A
E
C
G
n-channel
Description
Insulated Gate Bipolar Transistors (IGBTs) from International Rectifier have
higher usable current densities than comparable bipolar transistors, while at
the same time having simpler gate-drive requirements of the familiar power
MOSFET. They provide substantial benefits to a host of high-voltage, high-
current applications.
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
900
V
IC @ TC = 25°C
Continuous Collector Current
31
IC @ TC = 100°C
Continuous Collector Current
17
A
ICM
Pulsed Collector Current
62
ILM
Clamped Inductive Load Current
62
VGE
Gate-to-Emitter Voltage
±20
V
EARV
Reverse Voltage Avalanche Energy
15
mJ
PD @ TC = 25°C
Maximum Power Dissipation
160
W
PD @ TC = 100°C
Maximum Power Dissipation
65
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
Thermal Resistance
TO-247AC
PD - 9.770A
Revision 0
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRGPF40F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGPF40F IRF-IRGPF40F Datasheet
98Kb / 35P
Fit Rate / Equivalent Device Hours
More results

Similar Description - IRGPF40F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC30F IRF-IRG4PC30F Datasheet
145Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A)
IRGB440U IRF-IRGB440U Datasheet
252Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=500V, @Vge=15V, Ic=22A)
IRGBC30F IRF-IRGBC30F Datasheet
246Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=17A)
IRGBF30F IRF-IRGBF30F Datasheet
253Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=900V, @Vge=15V, Ic=11A)
IRGPC30FD2 IRF-IRGPC30FD2 Datasheet
422Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=17A)
IRGPF20F IRF-IRGPF20F Datasheet
260Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=900V, @Vge=15V, Ic=5.3A)
IRGPF30F IRF-IRGPF30F Datasheet
256Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=900V, @Vge=15V, Ic=11A)
IRGPF50F IRF-IRGPF50F Datasheet
261Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=900V, @Vge=15V, Ic=28A)
IRGPH40F IRF-IRGPH40F Datasheet
255Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=17A)
IRGPH40FD2 IRF-IRGPH40FD2 Datasheet
425Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=1200V, @Vge=15V, Ic=17A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com