Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGPF50F Datasheet(PDF) 1 Page - International Rectifier

Part # IRGPF50F
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=900V, @Vge=15V, Ic=28A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPF50F Datasheet(HTML) 1 Page - International Rectifier

  IRGPF50F Datasheet HTML 1Page - International Rectifier IRGPF50F Datasheet HTML 2Page - International Rectifier IRGPF50F Datasheet HTML 3Page - International Rectifier IRGPF50F Datasheet HTML 4Page - International Rectifier IRGPF50F Datasheet HTML 5Page - International Rectifier IRGPF50F Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
C-267
IRGPF50F
Fast Speed IGBT
INSULATED GATE BIPOLAR TRANSISTOR
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
------
------
0.64
RθCS
Case-to-Sink, flat, greased surface
------
0.24
------
°C/W
RθJA
Junction-to-Ambient, typical socket mount
------
------
40
Wt
Weight
------
6 (0.21)
------
g (oz)
Features
• Switching-loss rating includes all "tail" losses
• Optimized for medium operating frequency (1 to
10kHz) See Fig. 1 for Current vs. Frequency curve
VCES = 900V
VCE(sat) ≤ 2.7V
@VGE = 15V, IC = 28A
E
C
G
n-channel
Description
Insulated Gate Bipolar Transistors (IGBTs) from International Rectifier have
higher usable current densities than comparable bipolar transistors, while at
the same time having simpler gate-drive requirements of the familiar power
MOSFET. They provide substantial benefits to a host of high-voltage, high-
current applications.
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
900
V
IC @ TC = 25°C
Continuous Collector Current
51
IC @ TC = 100°C
Continuous Collector Current
28
A
ICM
Pulsed Collector Current
100
ILM
Clamped Inductive Load Current
100
VGE
Gate-to-Emitter Voltage
±20
V
EARV
Reverse Voltage Avalanche Energy
20
mJ
PD @ TC = 25°C
Maximum Power Dissipation
200
W
PD @ TC = 100°C
Maximum Power Dissipation
78
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
Thermal Resistance
TO-247AC
PD - 9.767A
Revision 0
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRGPF50F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGPF50F IRF-IRGPF50F Datasheet
98Kb / 35P
Fit Rate / Equivalent Device Hours
More results

Similar Description - IRGPF50F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB440U IRF-IRGB440U Datasheet
252Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=500V, @Vge=15V, Ic=22A)
IRGBC20S IRF-IRGBC20S Datasheet
274Kb / 7P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=10A)
IRGBC30S IRF-IRGBC30S Datasheet
252Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=18A)
IRGBC30U IRF-IRGBC30U Datasheet
244Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=12A)
IRGBC40U IRF-IRGBC40U Datasheet
244Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=20A)
IRGBF30F IRF-IRGBF30F Datasheet
253Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=900V, @Vge=15V, Ic=11A)
IRGP440U IRF-IRGP440U Datasheet
254Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=500V, @Vge=15V, Ic=22A)
IRGPF20F IRF-IRGPF20F Datasheet
260Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=900V, @Vge=15V, Ic=5.3A)
IRGPF30F IRF-IRGPF30F Datasheet
256Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=900V, @Vge=15V, Ic=11A)
IRGPF40F IRF-IRGPF40F Datasheet
259Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=900V,@Vge=15V, Ic=17A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com