Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4501 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4501
Description  Enhancement Mode Power Mos.FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4501 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SSG4501_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4501_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4501_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4501_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG4501_15 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSG4501_15 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSG4501_15 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SSG4501_15 Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH SSG4501_15 Datasheet HTML 9Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Electrical Characteristics P-Channel( Tj=25 C Unless otherwise specified)
Total Gate Charge
RDS(ON)
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Drain-Source Breakdown Voltage
Breakdown Voltage Temp. Coefficient
Gate Threshold Voltage
Gate-Source Leakage Current
Drain-Source Leakage Current (Tj=25 )
Static Drain-Source On-Resistance
Drain-Source Leakage Current (Tj=70 )
Gate-Source Charge
Gate-Drain ("Miller") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
BVDSS
BVDS/ Tj
VGS(th)
IGSS
IDSS
Crss
Qg
Qgs
Qgd
Td(ON)
Td(Off)
Tr
Ciss
Coss
Tf
-30
-0.028
-1.0
100
-1
-25
50
90
20
3.5
2
12
20
45
27
790
440
120
±
V
V/
V
nA
uA
uA
m
nC
nS
pF
Ω
VGS=0V
VDS=-15V
f=1.0MHz
VDS=-15V
ID=-1A
VGS=-10V
RG=6
RD=15
Ω
Ω
ID=-5.3A
VDS=-15V
VGS=-10V
VGS=-10V, ID=-5.3A
VGS=-4.5V, ID=-4.2A
VGS=0V, ID=-250uA
VGS= 20V
±
VDS=-30V,VGS=0
VDS=-24V,VGS=0
VDS=VGS, ID=-250uA
Reference to 25 , ID=-1mA
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
2
Forward Transconductance
Gfs
S
8.5
VDS=-10V, ID=-5.3A
_
_
_
-3.0
o
C
o
C
o
C
o
C
o
2
2
_
_
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page
3 of 9
Elektronische Bauelemente
SSG
4501
N Channel
7A, 30V,RDS(ON) 28m
Enhancement Mode Power Mos.FET
P Channel -5.3A, -30V,RDS(ON) 5
0m
Ω
Ω
Source-Drain Diode
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Forward On Voltage
Continous Source Current (Body Diode)
VSD
Is
_
_
_
_
IS=-2.6A,VGS=0V.Tj=25 C
=-1.2V
-1.2
-1.67
o
VD=VG=0V,VS
V
A
Notes: 1.Pulse width limited by Max. junction temperature.
2.Pulse width 300us, dutycycle 2%.
≦
≦
3.Surface mounted on 1 inch2 copper pad of FR4 board;135
when mounted on min. copper pad.
°
C/W
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com