Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1761 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1761
Description  Accuracy of shunt voltage references in programmable mode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1761 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1761 Datasheet HTML 1Page - STMicroelectronics AN1761 Datasheet HTML 2Page - STMicroelectronics AN1761 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
AN1761
2
CALCULATIONS OF THE ACCURACY
Based on the schematic used to program the voltage reference, we can write:
Where V stands for Cathode voltage,
Vref is for the voltage present on the ref pin and Iref is the input
reference pin current.
Iref is a very low current in the range of a few µA we will neglect if the term R1.Iref
is low enough regarding the other terms of the equation. Most of the time, this simplification can be done.
Thus, if we write the total equation of the partial derivative, we obtain:
with
So, the total equation gives
And if we try to make terms like dx / x appear, we obtain:
And by operating some simplifications, we finally have:
Then, if we consider small variations of all parameters around their values, we have the final expression
which can be used to calculate the relative error:
As an application, let us consider a TL431A (±1% precision) programmed at 5V with R1=R2 at ±2%
precision. Using the above formula, we can calculate the 5V output precision:
V
1
R1
R2
-------
+


Vref
•
R1
Iref
•
+
=
dV
Vref
∂
∂V
Vref
d
•
R1
∂
∂V
R1
d
•
R2
∂
∂V
R2
d
•
++
=
Vref
∂
∂V
1
R1
R2
-------
+
=
R1
∂
∂VVref
R2
-----------
=
R2
∂
∂VR1
–
Vref
•
R2
()2
---------------------------
=
V
d
1
R1
R2
-------
+


Vref
d
•
Vref
R2
-----------
R1
d
•
R1
Vref
•
R2
2
------------------------
R2
d
•
–
+
=
V
d
1
R1
R2
-------
+


Vref
dVref
Vref
--------------


•
R1
R2
-------


Vref
R1
d
R1
----------


•
R1
R2
-------


Vref
dR2
R2
----------


•
–
+
=
dV
V
-------
dVref
Vref
--------------
R1
R1
R2
+
--------------------
dR1
R1
----------
dR2
R2
----------
–


•
+
=
∆V
V
-------
∆Vref
Vref
---------------
R1
R1
R2
+
--------------------
∆R1
R1
-----------
∆R2
R2
-----------
+


•
+
=
∆V
V
-------
1
1
2
---2
2
+
()
•
+3%
±
==



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com