Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4953 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4953
Description  Dual-P Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4953 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4953_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4953_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4953_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4953_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSG4953
-6 A, -30 V, RDS(ON) 45 m
Dual-P Enhancement Mode Power MOSFET
21-Jul-2014 Rev. F
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (Tj = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test condition
Static
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS=0V, ID= -250μA
Gate-Threshold Voltage
VGS(th)
-1
-
-2.5
V
VDS=VGS, ID = -250μA
Forward Transfer Conductance
Gfs
-
6
-
S
VDS= -10V, ID= -6A
Gate-Body Leakage
IGSS
-
-
±100
nA
VGS=±20V
Drain-Source Leakage Current
IDSS
-
-
-1
μA
VDS= -24V,VGS=0
-
-
45
VGS= -10V, ID = -5A
Drain-Source On-Resistance
2
RDS(ON)
-
-
82
mΩ
VGS= -4.5V, ID = -4A
Total Gate Charge
Qg
-
6.4
-
Gate-Source Charge
Qgs
-
2.7
-
Gate-Drain (“Miller”) Charge
Qgd
-
3.1
-
nC
ID= -6A
VDS= -20V
VGS= -4.5V
Turn-On Delay Time
2
Td(on)
-
9
-
Rise Time
Tr
-
16.6
-
Turn-Off Delay Time
Td(off)
-
21
-
Fall Time
Tf
-
21.6
-
nS
VDS= -12V
ID= -5A
VGS= -10V
RG= 3.3Ω
Input Capacitance
Ciss
-
645
-
Output Capacitance
Coss
-
272
-
Reverse Transfer Capacitance
Crss
-
105
-
pF
VGS=0V
VDS= -25V
f=1.0MHz
Avalanche Characteristics
Single Pulse Avalanche Energy
5
EAS
30
-
-
mJ
VDD= -25V, L=0.1mH, IAS= -10A
Source-Drain Diode
Forward On Voltage
2
VDS
-
-0.84
-1.2
V
IS= -1.7A, VGS=0V
Continuous Source Current
1.6
IS
-
-
-6
nS
Pulsed Source Current
2.6
ISM
-
-
-12
nC
VG= VD=0V
Force Current
Notes:
1. surface mounted on a 1 inch2 FR-4 board with 2OZ copper. 135℃/W when mounted on Min. copper pad.
2. The data tested by pulsed , pulse width≦300us , duty cycle≦2%
3. The EAS data shows Max. rating . The test condition is VDD= -25V,VGS= -10V,L=0.1mH,IAS= -19A
4. The power dissipation is limited by 150℃ junction temperature
5. The Min. value is 100% EAS tested guarantee.
6. The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com