Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2512 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2512
Description  This application note describes how to design
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2512 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2512 Datasheet HTML 9Page - STMicroelectronics AN2512 Datasheet HTML 10Page - STMicroelectronics AN2512 Datasheet HTML 11Page - STMicroelectronics AN2512 Datasheet HTML 12Page - STMicroelectronics AN2512 Datasheet HTML 13Page - STMicroelectronics AN2512 Datasheet HTML 14Page - STMicroelectronics AN2512 Datasheet HTML 15Page - STMicroelectronics AN2512 Datasheet HTML 16Page - STMicroelectronics AN2512 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
AN2512
Power calculation algorithm
13/38
3
Power calculation algorithm
3.1
STPM01 SPI Interface
The STPM01 SPI interface supports a simple serial protocol, which is implemented in order
to enable communication between a host system (microcontroller or PC) and the device.
Three tasks can be performed with this interface:
●
Remote resetting the device
●
Reading data records
●
Writing the Mode bits and the configuration bits (temporarily or permanently).
Four pins of the device are dedicated to this purpose: SCS, SYN, SCL, and SDA. SCS, SYN
and SCL are all input pins while SDA can be input or output according to whether the SPI is
in write or read mode.
The condition under which SCS, SYN and SCL inputs are set to high level determines the
idle state of the SPI interface and no data transfer occurs.
●
SCS: enables SPI operation when low. The microcontroller uses this pin to multiplex
the reading of the three devices.
●
SYN: when SCS is low, the SYN pin status selects whether the SPI is in read (SYN=1)
or write mode (SYN=0). When SCS is high and SYN is also high, the results of the
input or output data are transferred to the transmission latches.
●
SCL: is the clock pin of the SPI interface. This pin function is also controlled by the SCS
status. If SCS is low, SCL is the input of serial bit synchronization clock signal. When
SCS is high, SCL is also high determining the idle state of the SPI.
●
SDA: is the Data pin. If SCS is low, the operation of SDA is dependent on the status of
SYN pin. If SYN is high, SDA is the output of serial bit data (read mode). If SYN is low,
SDA is the input of serial bit data signal (write mode). If SCS is high, SDA is idle.
Table 3.
J1 connector pin description
Pin no.
Pin name
Functional description
1.
VOTP
Power supply Input of +15.0 V during permanent write to OTP
cells
2.
---
NC
3.
GND
Signal reference level 0V and power supply return
4.
SDA
SPI Interface Data Signal
5.
SCS
SPI Enable Signal
6.
SCL
SPI Interface Clock Signal
7.
---
NC
8.
SYN
SPI Interface Signal
9.
---
NC
10.
VDD
Power Out of +3.3 V
Up to 100 mA can be drawn from this pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com