Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2678 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2678
Description  Extremely accurate timekeeping over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2678 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2678 Datasheet HTML 8Page - STMicroelectronics AN2678 Datasheet HTML 9Page - STMicroelectronics AN2678 Datasheet HTML 10Page - STMicroelectronics AN2678 Datasheet HTML 11Page - STMicroelectronics AN2678 Datasheet HTML 12Page - STMicroelectronics AN2678 Datasheet HTML 13Page - STMicroelectronics AN2678 Datasheet HTML 14Page - STMicroelectronics AN2678 Datasheet HTML 15Page - STMicroelectronics AN2678 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AN2678
Digital calibration
13/16
Depending on whether this timer was also used to perform the initial analog calibration, an
adjustment may need to made to this number . Once the adjusted number is determined,
the error in ppm is calculated and the appropriate offset from Table 2 is selected and
programmed into the digital calibration register.
Example 1: A frequency counter was used during analog calibration, and the subsequent
period measured and calculated using the microprocessor’s timer was 0.0019531441
seconds. Ideally, this number would be 0.0019531250 (= 1/512). Thus, the microprocessor’s
timer is about 10 ppm fast, and the earlier number, 0.0019531441, will be used in place of
1/512 in Equation 1. Given a current calculated period of 0.0019531536, this is inserted into
Equation 1 for T512, and the resultant error is –4.88 ppm. So the RTC should be adjusted by
the opposite amount. In Table 2, the positive value nearest this is +4 ppm, so the digital
calibration register would get would get DCS = 1 and DC4:DC0 = 00001.
Example 2: The microprocessor’s timer was used during analog calibration. As in example
1, let the calculated period be 0.0019531536 seconds. Inserting this into Equation 1 (and
retaining the 1/512), we get –14.65 ppm. The nearest opposite value is +16 ppm. For this,
DCS = 1 and DC4:DC0 = 00100.
With digital calibration, the adjustments are made open-loop. In the case of the analog
calibration adjustments, the frequency shift of the oscillator can be seen in the 512 Hz test
signal, but with the digital calibration, the effects are spread out over time and are not
immediately observable upon making changes. Furthermore, with digital calibration, no
iteration is required. Once the frequency error is known, an appropriate value is
programmed into the part and no further adjustments are made for while. The key idea is
that adjusting the digital calibration requires one measurement followed by one adjustment;
no looping is required.
This digital calibration procedure is repeated often enough to prevent the RTC from drifting
too far, but no more often than every 16 minutes, the interval at which the RTC digital
calibration algorithm updates. This can be reduced to 8 minutes when positive calibration
values are being used. As the ambient temperature changes, the oscillator will drift, and the
RTC oscillator will need adjustment. This can be done periodically by scheduling
calibrations, or, if a temperature sensor is available to the microprocessor, by monitoring for
changes in the temperature and adjusting the RTC when they occur. Or, a combination of
both might be utilized. For example, scheduled RTC calibrations might occur every hour,
and unscheduled ones might be run whenever a 2 degree temperature shift is detected.
As long as the microprocessor periodically adjusts the RTC, its timekeeping accuracy will be
optimized, and timekeeping errors minimized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com