Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3060 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3060
Description  Applications guide for serial real-time clocks
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3060 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3060 Datasheet HTML 9Page - STMicroelectronics AN3060 Datasheet HTML 10Page - STMicroelectronics AN3060 Datasheet HTML 11Page - STMicroelectronics AN3060 Datasheet HTML 12Page - STMicroelectronics AN3060 Datasheet HTML 13Page - STMicroelectronics AN3060 Datasheet HTML 14Page - STMicroelectronics AN3060 Datasheet HTML 15Page - STMicroelectronics AN3060 Datasheet HTML 16Page - STMicroelectronics AN3060 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AN3060
Battery low detect
Doc ID 16253 Rev 2
13/23
6
Battery low detect
6.1
How does the battery low bit work? Can it detect a missing
battery?
Many ST serial real-time clocks include a battery monitor function which sets the BL bit
when the battery is low. The basic functionality is to periodically compare the battery to the
internal 2.5 V reference and set the BL bit whenever the battery voltage is less than 2.5 V.
Figure 8.
Battery monitor function
Table 2.
M41T81S register map
Addr
Function/range
BCD format
D7
D6
D5
D4
D3
D2
D1
D0
00h
0.1 seconds
0.01 seconds
Seconds
00-99
01h
ST
10 seconds
Seconds
Seconds
00-59
02h
0
10 minutes
Minutes
Minutes
00-59
03h
CEB
CB
10 Hours
Hours (24-hour format)
Century/hours
0-1/00-23
04h
0
0
0
0
0
Day of week
Day
01-7
05h
0
0
10 date
Date: day of month
Date
01-31
06h
0
0
0
10M
Month
Month
01-12
07h
10 years
Year
Year
00-99
08h
OUT
FT
S
Calibration
Calibration
09h
OFIE
BMB4
BMB3
BMB2
BMB1 BMB0
RB1
RB0
Watchdog
0Ah
AFE
SQWE
ABE
Al 10M
Alarm month
Al month
01-12
0Bh
RPT4
RPT5
AI 10 date
Alarm date
Al date
01-31
0Ch
RPT3
HT
AI 10 hour
Alarm hour
Al hour
00-23
0Dh
RPT2
Alarm 10 minutes
Alarm minutes
Al min
00-59
0Eh
RPT1
Alarm 10 seconds
Alarm seconds
Al sec
00-59
0Fh
WDF
AF
0
BL
0
OF
0
0
Flags
10h
0
0
0
0
0
0
0
0
Reserved
11h
0
0
0
0
0
0
0
0
Reserved
12h
0
0
0
0
0
0
0
0
Reserved
13h
RS3RS2
RS1RS0
0
0
0
0
SQW
AT ROLLOVER
AT ROLLOVER &
AT POWER-UP
2.5V
Q
AT ROLLOVER &
AT POWER-UP
DBL
VBAT
AM04726v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com