Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3254 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3254
Description  SPI protocol for the STPMC1 metering device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3254 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3254 Datasheet HTML 16Page - STMicroelectronics AN3254 Datasheet HTML 17Page - STMicroelectronics AN3254 Datasheet HTML 18Page - STMicroelectronics AN3254 Datasheet HTML 19Page - STMicroelectronics AN3254 Datasheet HTML 20Page - STMicroelectronics AN3254 Datasheet HTML 21Page - STMicroelectronics AN3254 Datasheet HTML 22Page - STMicroelectronics AN3254 Datasheet HTML 23Page - STMicroelectronics AN3254 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Converting readings into measured values
AN3254
22/24
Doc ID 17783 Rev 1
For SYS configuration bits 2 or 3 (no neutral wire) the voltage value should be further
multiplied by 2:
u = u * 2
5.2.2
Other values
The ACR, ACS, and ACT registers hold the information needed for this calculation.
Concatenating ACT[7:0], ACS[7:0], and ACR[7:0] bytes, two 12-bit vectors, defined below,
are obtained:
ACT[7:0], ACS[7:0], ACR[7:0] = Asr[11, 10:0], Art[11, 10:0]
The delay times are calculated with the following formulas:
where fMCLK depends upon the oscillator value according to Table 6:
The phase delays in degrees can be calculated as follows:
time
Asr
Asr 10 0
;
[]
2
11
()
Asr 11
[]
–
1
+
()
8
f
MCLK
---------------
⋅
=
time
Art
Art 10 0
;
[]
2
11
()
Asr 11
[]
–
1
+
()
8
f
MCLK
---------------
⋅
=
Table 6.
fMCLK value
fXTAL1
MDIV
fMCLK
4.000 MHz
0
8.000 MHz
4.194 MHz
0
8.192 MHz
4.915 MHz
0
9.830 MHz
8.000 MHz
1
8.000 MHz
8.192 MHz
1
8.192 MHz
9.830 MHz
1
9.830 MHz
ϕ°
time
f
line
------------ 360
°
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com