Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3412 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3412
Description  The STEVAL-CCA028V1 is a demonstration board designed
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3412 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3412 Datasheet HTML 6Page - STMicroelectronics AN3412 Datasheet HTML 7Page - STMicroelectronics AN3412 Datasheet HTML 8Page - STMicroelectronics AN3412 Datasheet HTML 9Page - STMicroelectronics AN3412 Datasheet HTML 10Page - STMicroelectronics AN3412 Datasheet HTML 11Page - STMicroelectronics AN3412 Datasheet HTML 12Page - STMicroelectronics AN3412 Datasheet HTML 13Page - STMicroelectronics AN3412 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PCB layout
AN3412
10/15
Doc ID 018920 Rev 1
2.2.2
Main filter
The main filter is an LC Butterworth based filter. The cutoff frequency must be chosen
between the upper limit of the audio band (~20 kHz) and the carrier frequency (310 kHz).
Figure 11.
Main filter
Table 6.
Recommended values
RLOAD
8
Ω
6
Ω
LLOAD
33 µH
22 µH
CLOAD
220 nF
220 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com