Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3995 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3995
Description  Getting started tutorial
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3995 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3995 Datasheet HTML 9Page - STMicroelectronics AN3995 Datasheet HTML 10Page - STMicroelectronics AN3995 Datasheet HTML 11Page - STMicroelectronics AN3995 Datasheet HTML 12Page - STMicroelectronics AN3995 Datasheet HTML 13Page - STMicroelectronics AN3995 Datasheet HTML 14Page - STMicroelectronics AN3995 Datasheet HTML 15Page - STMicroelectronics AN3995 Datasheet HTML 16Page - STMicroelectronics AN3995 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
AN3995
e200z4d initialization and example code
Doc ID 022384 Rev 2
13/49
1.
Configure the MMU TLB entry for RAM. In this manner, the user code can initialize the
SRAM ECC (see Section 3.1.3: Initialize the SRAM ECC).
2.
Configure the MMU TLB entry for Flash(h) (see Section 3.1.4: Configure MMU for
Flash)
–
Copy configuration code to SRAM(i)
–
Jump to first instruction of this code in SRAM and execute it
–
Transfer execution back to the Flash
3.
Configure the MMU TLB entry for the IPBridge (peripherals space) (see Section 3.1.5:
Configure MMU for Peripheral Bridge)
3.1.2
Configure MMU for SRAM
In order to configure MMU TLB entries, there are four MMU Assist registers (MAS) which
are written with the TLB entry number, start address and size of the MMU entry and other
information such as whether the page is VLE or BookE instructions.
In Figure 3 is showed a scratch code of MMU configuration(j) for RAM using TLB entry 1:
Figure 3.
MMU configuration code for SRAM
The SRAM space mapped through the TLB 1 is half of the space available on the device(k)
and it corresponds to the bank placed at the lower addresses.
The example shown here is using this as the upper bank is reserved for the e200z0h core.
h.
In this application note the strategy suggested is to re-uses the TLB 0 to map all Flash memory space.
i.
User can use this mechanism at this time (the execution from SRAM) to configure the wait states for Flash (see
Section 3.1.7: Performance Hints Initialization): to avoid executing code from Flash while wait states are
changing. This means that should copy also this configuration code to SRAM at this time and execute it with
the MMU ones.
j.
After the MAS registers are written, the TLB is validated with a single “tlbwe” (TLB Write Entry) instruction
k.
This device family has two 128KB contiguous banks start at 0x4000_0000
#/*************************************************************************/
#/* MMU configuration code for SRAM
*/
#/* TLB1, Entry 1 128KB 0x4000_0000 to 0x4001_FFFF
*/
#/*************************************************************************/
e_lis r3, 0x1001
mtmas0 r3
#/* MAS0 */
e_lis r3, 0xC000
e_or2i r3, 0x0380
mtmas1 r3
#/* MAS1 = 0xC0000380 (128Kb) */
e_lis r3, 0x4000
e_or2i r3, 0x0028
mtmas2 r3
#/* MAS2 = 0x40000028 */
e_lis r3, 0x4000
e_or2i r3, 0x003F
mtmas3 r3
#/* MAS3 = 0x4000003F */
tlbwe
#/* Write the entry to the TLB */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com