Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3380 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC3380
Description  Silicon NPN Triple Diffused
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3380 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC3380_15 Datasheet HTML 1Page - Renesas Technology Corp 2SC3380_15 Datasheet HTML 2Page - Renesas Technology Corp 2SC3380_15 Datasheet HTML 3Page - Renesas Technology Corp 2SC3380_15 Datasheet HTML 4Page - Renesas Technology Corp 2SC3380_15 Datasheet HTML 5Page - Renesas Technology Corp 2SC3380_15 Datasheet HTML 6Page - Renesas Technology Corp 2SC3380_15 Datasheet HTML 7Page - Renesas Technology Corp 2SC3380_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev.3.00 Aug 10, 2005 page 1 of 5
2SC3380
Silicon NPN Triple Diffused
REJ03G0713-0300
(Previous ADE-208-1082A)
Rev.3.00
Aug.10.2005
Application
• High frequency high voltage amplifier
• High voltage switch
Outline
1. Base
2. Collector
3. Emitter
4. Collector (Flange)
4
1
2
3
RENESAS Package code: PLZZ0004CA-A
(Package name: UPAK R )
Note:
Marking is “AS”.
*UPAK is a trademark of Renesas Technology Corp.
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
VCBO
300
V
Collector to emitter voltage
VCEO
300
V
Emitter to base voltage
VEBO
5
V
Collector current
IC
100
mA
Collector power dissipation
PC*
1
1
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. Value on the alumina ceramic board (12.5
× 20 × 0.7 mm)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com