Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4173 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4173
Description  The aim of this document is to clarify the usage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4173 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4173 Datasheet HTML 9Page - STMicroelectronics AN4173 Datasheet HTML 10Page - STMicroelectronics AN4173 Datasheet HTML 11Page - STMicroelectronics AN4173 Datasheet HTML 12Page - STMicroelectronics AN4173 Datasheet HTML 13Page - STMicroelectronics AN4173 Datasheet HTML 14Page - STMicroelectronics AN4173 Datasheet HTML 15Page - STMicroelectronics AN4173 Datasheet HTML 16Page - STMicroelectronics AN4173 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AN4173
Application code structure
Doc ID 023727 Rev 3
13/22
Table 2.
ADC sampling and conversion timing obtained by test code
The discrepancy between the values on the RM and those from the experimental results is
due to an effective phase shift of half AD_ck between peripheral clock and AD_ck. We must
add 1.5 AD_ck clock cycles to the calculated tCONV. This phase shift comes from the internal
divider implemented within ADCDig. Of this 1.5 cycles, 1 is for storing the data and 0.5 due
to phase shift.
In order to measure the time needed for the ADC conversion the system timer module
(STM) was used. The STM clock frequency is set equal to the system clock frequency.
Figure 4.
STM configuration function extracted code
The system clock is set equal to the PLL frequency by the PLL init function. This function
permits to configure the PLL in order to switch from 40MHz of XOSC up to 120MHz.
Clock
(MHz)
TCK
(µs)
INPSAMP
IMPCMP
INPLATCH
ndelay
tCONV
(µs)
6
0.167
4
1
0
0.5
2.53
7
0.143
4
1
0
0.5
2.10
8
0.125
5
1
0
0.5
2.03
9
0.111
5
1
0
0.5
1.81
16
0.063
9
1
0
1
1.18
20
0.050
11
1
0
1
1.175
32
0.031
17
2
1
1
1.156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com