Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSP7461P Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSP7461P
Description  P-Channel Enhancement MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSP7461P Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSP7461P_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSP7461P_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SSP7461P
-10 A, -60 V, RDS(ON) 45 m
P-Channel Enhancement MOSFET
18-Sep-2013 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
These miniature surface mount MOSFETs utilize
a high cell density trench process to provide low RDS(on)
and to ensure minimal power loss and heat dissipation.
FEATURES
Low RDS(on) provides higher efficiency and extends
battery life.
Low thermal impedance copper leadframe SOP-8PP
saves board space.
Fast switching speed.
High performance trench technology.
APPLICATION
DC-DC converters and power management in
portable and battery-powered products such as
computers, printers, PCMCIA cards, cellular and
cordless telephones.
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOP-8PP
3K
13 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-60
V
Gate-Source Voltage
VGS
±
20
V
TA=25°C
-10
Continuous Drain Current
1
TA=70°C
ID
-8
A
Pulsed Drain Current
2
IDM
±
50
A
Continuous Source Current (Diode Conduction)
1
IS
-2.1
A
TA=25°C
5.0
Power Dissipation
1
TA=70°C
PD
3.2
W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
Thermal Resistance Rating
t≦10 sec
25
Maximum Junction to Ambient
1
Steady-State
RθJA
65
°C / W
Notes
1.
Surface Mounted on 1” x 1” FR4 Board.
2.
Pulse width limited by maximum junction temperature.
S
S
S
GD
D
D
D
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.85
1.00
θ
0
°
10
°
B
5.3 BSC.
b
5.2 BCS
C
0.15
0.25
c
0.30
0.50
D
3.8 BCS.
d
1.27BSC
E
6.05 BCS.
e
5.55 BCS.
F
0.03
0.30
f
0.10
0.40
G
4.35 BCS.
g
1.2 BCS.
L
0.40
0.70
SOP-8PP


Similar Part No. - SSP7461P_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSP7461P SECOS-SSP7461P Datasheet
168Kb / 2P
P-Channel Enhancement MOSFET
More results

Similar Description - SSP7461P_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
P-Channel Enhancement MOSFET
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
SI2301DS-3 KEXIN-SI2301DS-3 Datasheet
1Mb / 5P
P-Channel Enhancement MOSFET
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com