Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4233 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4233
Description  The purpose of this document is to provide a methodology
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4233 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4233 Datasheet HTML 4Page - STMicroelectronics AN4233 Datasheet HTML 5Page - STMicroelectronics AN4233 Datasheet HTML 6Page - STMicroelectronics AN4233 Datasheet HTML 7Page - STMicroelectronics AN4233 Datasheet HTML 8Page - STMicroelectronics AN4233 Datasheet HTML 9Page - STMicroelectronics AN4233 Datasheet HTML 10Page - STMicroelectronics AN4233 Datasheet HTML 11Page - STMicroelectronics AN4233 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AN4233
Test results with the STA333IS and 2- or 4-layer PCB
Doc ID 024143 Rev 1
9/12
3.4
STA333IS: 1000 mA output current and 4-layer PCB
Figure 5.
STA333IS: 1000 mA output current and 4-layer PCB - thermal measurement
Table 9.
STA333IS: 500 mA output current and 4-layer PCB - summary table
Total power [W]
0.4033
W
Temperature (case) [°C]
42
°C
Temperature (ambient) [°C]
26
°C
Rth [k/W]
39.672
°C/W
Table 10.
STA333IS: 1000 mA output current and 4-layer PCB - current measurement
Rsense
[m
Ω]
V_Rsense
[mV]
I_Channel
[A]
VRDS
[mV]
PRDS
[mW]
RDS
[m
Ω]
Vcc
[V]
I_Vcc
[mA]
Vdd
[V]
I_Vdd
[mA]
Out 1A
100
101.8
1.018
137
139.466
134.5776
16.58
19.5
3.3
32
Out 1B
100
100.5
1.005
146.5
147.2325 145.77114
Out 2A
100
101.4
1.014
147.5
149.565
145.46351
Out 2B
100
101.9
1.019
137
139.603
134.44553
Table 11.
STA333IS: 1000 mA output current and 4-layer PCB - power dissipation
Power_Output [W]
0.57587
W
Power_Vdd [W]
0.1056
W
Power_Vcc [W]
0.32331
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com