Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4426 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4426
Description  Tutorial for MEMS microphones
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4426 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4426 Datasheet HTML 9Page - STMicroelectronics AN4426 Datasheet HTML 10Page - STMicroelectronics AN4426 Datasheet HTML 11Page - STMicroelectronics AN4426 Datasheet HTML 12Page - STMicroelectronics AN4426 Datasheet HTML 13Page - STMicroelectronics AN4426 Datasheet HTML 14Page - STMicroelectronics AN4426 Datasheet HTML 15Page - STMicroelectronics AN4426 Datasheet HTML 16Page - STMicroelectronics AN4426 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DocID025704 Rev 1
13/18
AN4426
Acoustic parameters
18
2.6
Frequency response
The frequency response of a microphone in terms of magnitude indicates the sensitivity
variation across the audio band. This parameter also describes the deviation of the output
signal from the reference 0 dB. Typically, the reference for this measurement is exactly the
sensitivity of the microphone @ 0 dB = 94 dBSPL @ 1 kHz. The frequency response of a
microphone can vary across the audio frequency band depending on three parameters: the
ventilation hole, the front chamber geometry, and back chamber geometry. The ventilation
hole and the back chamber geometry have an impact on the behavior at low frequencies
while the behavior at high frequencies depends on the geometry of the front chamber only.
Behavior at high frequencies can be a resonance peak caused by the Helmholtz effect. This
resonance is the phenomenon of air resonance in a cavity. As a matter of fact, it depends on
the dimension of the front chamber of the microphone, representing the sound cavity in
which the air resonates. A microphone with a flat frequency response is suitable when
natural sound and high intelligibility of the system is required. The following figure shows the
response of the MP45DT02. It shows a roll-off at low frequencies and a peak around 18 kHz
caused by the large front chamber (b) of this microphone.
Figure 16. MP45DT02 frequency response
The frequency response of a microphone in terms of phase indicates the phase distortion
introduced by the microphone. In other words, the delay between the sound wave moving
the microphone membrane and the electrical signal at the microphone output results in that
this parameter includes both the distortion due to the membrane and the ASIC.
b.
A detailed explanation of the Helmholtz resonance principle and its effect on the chambers of the microphone
is given in Section 2: Acoustic parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com