Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4427 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4427
Description  Gasket design for optimal acoustic performance
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4427 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4427 Datasheet HTML 9Page - STMicroelectronics AN4427 Datasheet HTML 10Page - STMicroelectronics AN4427 Datasheet HTML 11Page - STMicroelectronics AN4427 Datasheet HTML 12Page - STMicroelectronics AN4427 Datasheet HTML 13Page - STMicroelectronics AN4427 Datasheet HTML 14Page - STMicroelectronics AN4427 Datasheet HTML 15Page - STMicroelectronics AN4427 Datasheet HTML 16Page - STMicroelectronics AN4427 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DocID025705 Rev 1
13/19
AN4427
Acoustic gasket and sealing guidelines
19
Figure 9. Subdomain materials
The following table summarizes the acoustic properties of the most common materials used
by manufacturers of electronics: plastic or aluminum concerning the covers; soft and hard
rubber concerning the gasket; silicon and PCB concerning the electronic components.
The following graphic depicts the behavior of the magnitude of the resonance peak, keeping
silicon and MEMS membrane materials fixed and changing the material of the gasket only.
While the geometry of the entire application behaves as a resonator, the acoustic property
of the material works as a damping factor. The peak is attenuated in proportion to the
softness of the material used as the gasket. The gasket designer can choose the material of
the gasket according to his own needs. Where the frequency response must be kept flat as
much as possible, the materials involved must be chosen as supple as possible.
Table 4. Acoustic properties of materials
Material
Density (kg / m3)
Sound velocity in material (m/s)
Air
1.2
343
Aluminum
2700
6400
PCB
1850
2740
Glass
2400
4000
Silicon
2000
1500
Hard rubber
1520
150
Soft rubber
200
150
Plastic
1200
2500
Lead
11340
1150
Iron
7870
5000
MEMS membrane
120
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com