Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4428 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4428
Description  Best practices in the manufacturing process
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4428 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4428 Datasheet HTML 9Page - STMicroelectronics AN4428 Datasheet HTML 10Page - STMicroelectronics AN4428 Datasheet HTML 11Page - STMicroelectronics AN4428 Datasheet HTML 12Page - STMicroelectronics AN4428 Datasheet HTML 13Page - STMicroelectronics AN4428 Datasheet HTML 14Page - STMicroelectronics AN4428 Datasheet HTML 15Page - STMicroelectronics AN4428 Datasheet HTML 16Page - STMicroelectronics AN4428 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DocID025706 Rev 1
13/18
AN4428
Customer manufacturing considerations
18
2
Customer manufacturing considerations
2.1
Customer handling recommendations
The purpose of this section is to summarize, for typical failures that can occur in the
customer’s production line, an explanation of the issue first and then to propose a solution
or even give a recommendation to avoid these failures, usually caused by mishandling of
the device.
2.1.1
Contaminations
When the component provides a PDM output that when listened to or measured shows poor
SNR performance or very noisy output, the issue is typically due to contamination of the
MEMS membrane.
Contamination during PCB sawing, during PCB cleaning or washing can occur in a
customer’s production line. Further contamination can happen during device soldering if a
vapor phase soldering process is used for the reflow or some soldering paste accidentally
drops inside the sound inlet.
To avoid these types of contaminations, the sealing of the sound inlet with foam/tape before
sawing to prevent dust from entering the microphone is recommended. As a matter of fact,
using a vapor phase soldering process must be avoided to prevent membrane damage and
contamination.
2.1.2
Electrical overstress (EOS)
When the component does not show any signal at the output or the output is tied to GND (or
to Vcc), most probably the ASIC has been submitted to an electrical overstress.
Electrical overstress is an unexpected electrical phenomenon, like a high-voltage discharge,
that can cause irreversible damage to the ASIC such as burned areas or voids in the silicon.
Figure 11. Example of EOS
To avoid this issue, it is highly recommended to verify the supply voltage vs. microphone
operative and max absolute voltage specifications, or also to verify the voltage ripple when
doing hot plug to testing jigs. A diode (spike suppressor) can be included in the testing
equipment using the following configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com