Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4439 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4439
Description  L99ASC03 current sense amplifier offset adjust
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4439 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4439 Datasheet HTML 8Page - STMicroelectronics AN4439 Datasheet HTML 9Page - STMicroelectronics AN4439 Datasheet HTML 10Page - STMicroelectronics AN4439 Datasheet HTML 11Page - STMicroelectronics AN4439 Datasheet HTML 12Page - STMicroelectronics AN4439 Datasheet HTML 13Page - STMicroelectronics AN4439 Datasheet HTML 14Page - STMicroelectronics AN4439 Datasheet HTML 15Page - STMicroelectronics AN4439 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DocID025908 Rev 1
13/16
AN4439
Generating a small offset to overcome input resistor tolerance and CSO lower limits
15
These voltages are worst case given the external and internal resistor tolerances. There is a
small overlap that drops below the worst case 0.2 V CSO minimum voltage. The worst case
difference is at the gain of 30 with a 0.012 V error. This translates to a very small sense
current. If this is an issue the next 1% resistor value lower will improve this to above the 0.2
V threshold.
4.1
Bench evaluation
To verify that the additional resistors did not somehow adversely affect the transfer function
of the CSO circuit a bench evaluation was performed. The two resistors were inserted into a
test board as shown in Figure 19 below and the CSI+ pin was driven with a finely adjustable
power supply.
Figure 9. Inserted bias resistors for testing
Table 3. DC offset voltages with given resistor values
CSO DC offset
Gain
Resistor
Min
Typ
Max
20
215
0.202 V
0.304 V
0.416 V
30
143
0.188 V
0.292 V
0.407 V
70
60.4
0.196 V
0.304 V
0.424 V
100
42.2
0.193 V
0.304 V
0.426 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com