Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4470 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4470
Description  The STPM3x application calibration
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4470 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4470 Datasheet HTML 9Page - STMicroelectronics AN4470 Datasheet HTML 10Page - STMicroelectronics AN4470 Datasheet HTML 11Page - STMicroelectronics AN4470 Datasheet HTML 12Page - STMicroelectronics AN4470 Datasheet HTML 13Page - STMicroelectronics AN4470 Datasheet HTML 14Page - STMicroelectronics AN4470 Datasheet HTML 15Page - STMicroelectronics AN4470 Datasheet HTML 16Page - STMicroelectronics AN4470 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
DocID026176 Rev 1
13/20
AN4470
System calibration
20
3.1.1
Step-by-step amplitude calibration procedure
The following steps summarize the calibration procedure explained above:
1.
Design the application as stated in Section 3.1 so that the relationship among R1, R2,
kS an CP is coherent with Equation 7 and Equation 8
2.
Reset the STPM3x to have registers in the default state
3.
Configure the device through CPC according to the chosen application. The following
registers have to be configured (one or both primary and secondary channels,
according to the application and to the device p/n):
•
ROCx (in DSP_CR1 or DSP_CR2)
–
0: for CT or shunt
–
1: for Rogowski coil
•
GAINx (in DFE_CR1 or DFE_CR2) to set the correct current gain channel
•
CHVx and CHCx (in DSP_CR5 and DSP_CR8) have to be set to default (0x800)
obtaining a calibration range of ±12.5% of voltage or current channel
4.
Apply stable and accurate nominal values of VN and IN voltage and current signals,
with PF =1 to one or both primary and secondary channels. For the stability of the
source please refer to the equipment documentation; add 0.5 seconds to the maximum
so that the STPM3x RMS values are stable
5.
Perform RMS register sample acquisition (DSP_REG14 and/or DSP_REG15) through
CPC; average the values to obtain VAV and IAV; minimum suggested values are 20
samples in 5 line cycles
6.
Calculate CHVx and CHCx calibrators using Equation 13 and Equation 14
7.
Write calibration values to the device and store them in a non-volatile memory
The whole procedure requires one second in an automated environment.
3.2
Phase-shift calibration
The STPM3x does not introduce any phase-shift between voltage and current channels.
However, voltage and current signals come from transducers, which could have inherent
phase errors. For example, a phase error from 0.1 ° to 0.3 ° is common for a current
transformer (CT). These phase errors can vary from part-to-part, and have to be corrected
in order to perform accurate power calculations. Errors associated with phase mismatch are
particularly evident at low power factors.
The phase compensation block provides a digital correction of the phase-shift for primary
and secondary channel independently. This block introduces a delay between current and
voltage samples which is fine-tuned by PHCx[9:0] and PHVx[1:0] phase calibration bits in
DSP_CR4. The delay (in degree) introduced by these registers on the waveforms is given
below:
Current shift
Equation 15
Voltage shift
ϕ
C
f
line
SCLK
---------------- PHCx 9:0
[] 360
°
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com