Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRK430 Datasheet(PDF) 4 Page - International Rectifier

Part # IRK430
Description  SUPER MAGN-A-PAK??Power Modules
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRK430 Datasheet(HTML) 4 Page - International Rectifier

  IRK430 Datasheet HTML 1Page - International Rectifier IRK430 Datasheet HTML 2Page - International Rectifier IRK430 Datasheet HTML 3Page - International Rectifier IRK430 Datasheet HTML 4Page - International Rectifier IRK430 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IRK.430.. Series
4
IRK
T
430
-
20
1
23
1
-
Module type
2
-
Circuit configuration (See Circuit Configurations Table)
3
-
Current rating
4
-
Voltage code: Code x 100 = V
RRM
(See Voltage Ratings Table)
4
Device Code
Ordering Information Table
∆R
thJC Conduction
(The following table shows the increment of thermal resistance R
thJC
when devices operate at different conduction angles than DC)
Conduction angle
Sinusoidal conduction
Rectangular conduction
Units
Conditions
180°
0.009
0.006
120°
0.011
0.011
90°
0.014
0.015
K/W
T
J
= T
J
max.
60°
0.021
0.022
30°
0.037
0.038
IRKT
IRKH
IRKL
Circuit Configurations Table
+
7(K2)
6(G2)
-
4(K1)
5(G1)
~
1
2
3
+
7(K2)
6(G2)
-
~
1
2
3
+
-
4(K1)
5(G1)
~
1
2
3
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com