Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 1 Page - NEC

Part # UPD17062
Description  4-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING PLL FREQUENCY SYNTHESIZER AND IMAGE DISPLAY CONTROLLER
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17062 Datasheet(HTML) 1 Page - NEC

  UPD17062 Datasheet HTML 1Page - NEC UPD17062 Datasheet HTML 2Page - NEC UPD17062 Datasheet HTML 3Page - NEC UPD17062 Datasheet HTML 4Page - NEC UPD17062 Datasheet HTML 5Page - NEC UPD17062 Datasheet HTML 6Page - NEC UPD17062 Datasheet HTML 7Page - NEC UPD17062 Datasheet HTML 8Page - NEC UPD17062 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 296 page
background image
The information in this document is subject to change without notice.
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD17062
Document No. IC-3560
(O.D. No. IC-8937)
Date Published January 1995 P
Printed in Japan
The
µPD17062 is a 4-bit CMOS microcontroller for digital tuning systems. The single-chip device
incorporates an image display controller enabling a range of different displays, together with a PLL frequency
synthesizer.
The CPU has six main functions: 4-bit parallel addition, logic operation, multiple bit test, carry-flag set/
reset, powerful interrupt, and a timer.
The device contains a user-programmable image display controller (IDC) for on-screen displays. The
different displays can be controlled with simple programs.
The device also has a serial interface function, many input/output (I/O) ports controlled by powerful I/O
instructions, and 6-bit pulse width modulation (PWM) output for a 4-bit A/D converter and D/A converter.
FEATURES
4-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING PLL FREQUENCY
SYNTHESIZER AND IMAGE DISPLAY CONTROLLER
• 4-bit microcontroller for digital tuning system
• Internal PLL frequency synthesizer: With prescaler
µPB595
•5 V
±10%
• Low-power CMOS
• Program memory (ROM): 8K bytes (16 bits
× 3968
steps)
• Data memory (RAM): 4 bits
× 336 words
• 6 stack levels
• 35 easy-to-understand instruction sets
• Support of decimal operations
• Instruction execution time: 2
µs (with an 8-MHz
crystal)
• Internal D/A converter: 6 bits
× 4 (PWM output)
• Internal A/D converter: 4 bits
× 6
• Internal horizontal synchronizing signal counter
• Internal commercial power frequency counter
• Internal power-failure detector and power-on reset
circuit
• Internal image display controller (IDC) (user-pro-
grammable)
Number of characters in display: Up to 99 on a
single screen
Display configuration: 14 rows
× 19 columns
Number of character types: 120
Character format: 10
× 15 dots (rimming possible)
Number of colors: 8
Character size: Four sizes in each of the horizontal
and vertical dimensions
Internal 1H circuit for preventing vertical deflection
• Internal 8-bit serial interface (One system with two
channels: three-wire or two-wire)
• Interrupt input for remote-controller signals (with
noise canceler)
• Many I/O ports
Number of I/O ports
: 15
Number of input ports : 4
Number of output ports: 8
©
1995


Similar Part No. - UPD17062

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17062 RENESAS-UPD17062 Datasheet
1Mb / 298P
MOS INTEGRATED CIRCUIT
1995
UPD17062CU-XXX RENESAS-UPD17062CU-XXX Datasheet
1Mb / 298P
MOS INTEGRATED CIRCUIT
1995
UPD17062GC-XXX RENESAS-UPD17062GC-XXX Datasheet
1Mb / 298P
MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD17062

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17006AGF-011 NEC-UPD17006AGF-011 Datasheet
677Kb / 72P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR AUTOMOBILE FM, MW, AND LW RADIOS
UPD17052 NEC-UPD17052 Datasheet
8Mb / 298P
ON-CHIP IMAGE DISPLAY CONTROLLER 4-BIT SINGLE-CHIP MICROCONTROLLER FOR VOLTAGE SYNTHESIZER
UPD17053 NEC-UPD17053 Datasheet
8Mb / 278P
ON-CHIP IMAGE DISPLAY CONTROLLER 4-BIT SINGLE-CHIP MICROCONTROLLER FOR VOLTAGE SYNTHESIZER
UPD17068 NEC-UPD17068 Datasheet
1Mb / 341P
4-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING IMAGE DISPLAY CONTROLLER AND PLL FREQUENCY SYNTHESIZER FOR DIGITAL TUNING SYSTEMS
UPD17071GB-012 NEC-UPD17071GB-012 Datasheet
296Kb / 48P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH PLL FREQUENCY SYNTHESIZER CONTROLLER FOR PORTABLE FM/AM RADIO AND TV
logo
Sanyo Semicon Device
LC7020AK SANYO-LC7020AK Datasheet
484Kb / 22P
Controller for PLL Frequency Synthesizer
LC7020AT SANYO-LC7020AT Datasheet
480Kb / 21P
Controller for PLL Frequency Synthesizer?
LC7185-8750 SANYO-LC7185-8750 Datasheet
262Kb / 13P
CB Transceiver PLL Frequency Synthesizer and Controller
logo
LANSDALE Semiconductor ...
ML145145 LANSDALE-ML145145 Datasheet
1Mb / 12P
4-Bit Data Bus Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC145146-2 MOTOROLA-MC145146-2 Datasheet
59Kb / 2P
4-Bit Data Bus Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com