Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA Datasheet(PDF) 2 Page - STMicroelectronics

Part # FDA
Description  Automotive fully-digital
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA Datasheet(HTML) 2 Page - STMicroelectronics

  FDA Datasheet HTML 1Page - STMicroelectronics FDA Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
blocK diagram
technical material
device summary
Datasheets,demonstrationboards,supportdocumentationandsoftwareareavailableonrequest.ForfurtherinformationpleasecontactST
salesofficesatwww.st.com/salesoffices
part number
maximum output power
description
fda4100lv
4 x 135 W or 2 x 270 W
PWM digital-input power amplifier with built-in diagnostics and step-up driver
fda450lv
4 x 50 W
PWM digital-input power amplifier with built-in diagnostics features
fda2100lv
2 x 180W or 1 x 300W
PWM digital-input power amplifier with built-in diagnostics and step-up driver
*STiscompletingtheclassDdigital-inputportfoliowithanupcoming2-channelpoweramplifier
I²S and TDM digital input
6 V operation,start-stop
Full self-diagnostics engine
Integrated step-up converter
MOSFETpoweroutput
Low-pass outputfilterincluded in
feedback
feedback
Output
filter
Output
filter
Output
filter
Output
filter
Integrated DAC
and power
stage
Digital
Input
PWM
Output
© STMicroelectronics - September 2013 - Printed in United Kingdom - All rights reserved
The STMicroelectronics corporate logo is a registered trademark of the STMicroelectronics group of companies
Thunderbolt is a trademark of Intel Corporation in the U.S. and/or other countries.
All other names are the property of their respective owners
For more information on ST products and solutions, visit www.st.com
Order code: FLWRAMPL0913



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com