Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99SD01 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L99SD01
Description  Integrated solenoid driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99SD01 Datasheet(HTML) 2 Page - STMicroelectronics

  L99SD01 Datasheet HTML 1Page - STMicroelectronics L99SD01 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© STMicroelectronics - January 2015 - Printed in United Kingdom - All rights reserved
The STMicroelectronics corporate logo is a registered trademark of the STMicroelectronics group of companies
All other names are the property of their respective owners
For more information on ST products and solutions, visit www.st.com
Order code: FLL99SD010115
L99SD01 APPLICATION AND DeVICe bLOCk DIAGrAM
Part number
S1 and S2 r
DSON
Maximum load current
Coil current profile and timings
Switching operations
L99SD01-e
60 mΩ
(maximum @ 25 °C)
14 A
Fully programmable
Above 10 kHz
L99SD01: STATe OF The ArT FOr CNG eLeCTrONIC INJeCTION SySTeMS
Inadditiontoguaranteeingfuelinjectionintegrityinanyconditionofbatteryvoltage,systemage,temperatureandkindofinjector,thelatest
standardsonCO
2emissions(e.g.Euro6)raisethebaroftheperformancesrequiredforelectronicinjectionsystemsintermsofprecisioninthe
controlofboththecurrentflowingintheinjectorcoilandthedwelling-time.
Moreover,theautomotiverequirementsforhigherreliabilityandbetterdiagnostics,complementthedesignchallengemakingitevenmore
difficult.
ThankstoST’ssystem-in-packageapproach,whichintegratestherequiredpowerMOSFETsaswellasthecontrolandthediagnosticcircuitries
inasingledevice,theL99SD01naturallyprovideshigherreliabilityandsystemprotection.
Additionally,theintegratedclosed-loopcontroloftheinjectorcoilallowsreachingtheminimumcurrentrequiredtoensuretheproperinjector
coilbehavioratanybatteryvoltage,temperature,injectorproductionspreadandage.
TheL99SD01canbeusedwithoutanyre-programmingifthedefaultvaluesoftheinternalregistersmatchthetargetapplication.Onthe
contrary,ifit’srequiredtocustomizethecurrentcontrolloopanditsrelatedtimings,thededicatedI2Cinterfacecanbeusedtoproperly
configurethedevice.
TheL99SD01representsthestateoftheartinCNGelectronicinjectionsystems:morereliable,moreefficient,andmorecompact.
MCU
Protection and diagnostics
L99SD01
V
BAT
S2
S1
I2C
Current control circuitry
PowerSSO-36



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com