Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN0147 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TN0147
Description  SPC56xB/C/Dxx family overview
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0147 Datasheet(HTML) 5 Page - STMicroelectronics

  TN0147 Datasheet HTML 1Page - STMicroelectronics TN0147 Datasheet HTML 2Page - STMicroelectronics TN0147 Datasheet HTML 3Page - STMicroelectronics TN0147 Datasheet HTML 4Page - STMicroelectronics TN0147 Datasheet HTML 5Page - STMicroelectronics TN0147 Datasheet HTML 6Page - STMicroelectronics TN0147 Datasheet HTML 7Page - STMicroelectronics TN0147 Datasheet HTML 8Page - STMicroelectronics TN0147 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Operating
Modes
STANDBY
STOP
HALT
DRUN
RUN0,1,2,3
All supported
All supported
All supported
All supported
All device
family
members
support all the
different
flexibility
offered by the
various
operating
modes
ESCM
Yes
Yes
Yes
Yes
All device
members
have the same
ESCM
Core
e200Z0h
e200Z0h
e200Z0h
e200Z4d, up to 120MHz
e200Z0h, up to 80MHz
if e200Z4d is running higher
than 80MHz, then e200Z0h
will run half its frequency
All Harvard
e200Z4d
includes an
MMU and 4k
instruction
cache
Semaphores
0
0
0
16 gates
XBAR
Master
Z0 instruction
Z0 data
eDMA
Z0 instruction
Z0 data
Z0 instruction
Z0 data
eDMA
Z4 instruction
Z4 data
eDMA
Z0 instruction
Z0 data
FEC
FlexRay
CSE
Table 1. Overview of differences per module (continued)
Module
name
Sub-modules
SPC560D40
module
SPC560B50
module
SPC560B64
module
SPC56EC74
module
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com