Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FYLS-1210RGBC Datasheet(PDF) 7 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLS-1210RGBC
Description  SMD led lamp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLS-1210RGBC Datasheet(HTML) 7 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLS-1210RGBC Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210RGBC Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210RGBC Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210RGBC Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210RGBC Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210RGBC Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210RGBC Datasheet HTML 7Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210RGBC Datasheet HTML 8Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Model. No.
Rev.
■
■
■
■
Precautions for use:
Page: 7/8
The shelf life of LEDs stored in the original sealed bag at <40
℃
and < 90% RH is 12 months. Baking is
Temperature profile
1. Storage
And soldering time no more than 2 seconds.
The epoxy resin of an SMD LED should not contact the tip of the soldering iron.
No mechanical stress should be exerted on the resin portion of an SMD LED during soldering.
frequently during the baking process.
2. Soldering
Model No.
:
:
:
:
FYLS-1210RGBC
Http://www.foryard.com
Before opening the packaging , check for air leaks in the bag.
baking is required Take the material out of the packaging bag before baking. Do not open the oven door
Use a soldering iron of less than 25 watts is recommended . The iron temperature must be kept below 315
℃
Handling of an SMD LED should be done only when the package has been cooled down to below 40
℃
(1) Manual soldering with a soldering Iron
secondary protection
(2)Reflow soldering
required if the shelf life has expired
A
FYLS-1210RGBC
To prevent moisture absorption into SMD LEDs during the transportation and storage , the LEDs are packed
SMD LEDs must be used within 24 hours. If the LEDs are not within 24 hours after removal from the bag ,
After the bag is opened, the SMD LEDs must be stored at <30
℃
and < 60% RH. Under these conditions,
in a moisture-barrier bag. Desiccants and a humidity indicator are packed together with the LEDs as
Peak temperature
Temperature
Pre-heat
Soak
Reflow
Cooling
Time
Melting-point



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com