Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF43 Datasheet(PDF) 1 Page - Mercury United Electronics Inc

Part # GF43
Description  SMD CMOS output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERCURY [Mercury United Electronics Inc]
Direct Link  http://www.mercuryunited.com
Logo MERCURY - Mercury United Electronics Inc

GF43 Datasheet(HTML) 1 Page - Mercury United Electronics Inc

  GF43 Datasheet HTML 1Page - Mercury United Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Paramenters
Electrical Spec.
VCXO [ Voltage Controlled Crystal Oscillators ]
GF43 series
3.3 V
SMD CMOS output
1 MHz 10 MHz
Input Impedance
11.4 x 9.6 x 3.0 mm
Phase Jitter < 1.0 ps [ 50.1 ~ 640.0 MHz ]
Duty Cycle
50% ± 10% [ 50% ± 5% is also available ]
Commercial ( -10°C to +70°C )
A
± 50 ppm ± 100 ppm
If non-standard , please enter the
Operating Temperature Range
Applications :
●
Best performance among the three. Phase jitter is less than 0.5 ps.
General Specifications
desired stability after the " C " or " I "
-128
-140
-150
Phase Noise ( typical ) [ 156.250 MHz ]
Offset
10 Hz 100 Hz
1K Hz
dBc / Hz
-62
-92
-120
-132
10 KHz 100KHz
Outline Dimensions ( Unit : mm )
Mercury www .mercury-crystal.com
■
Taiwan : (886)-2-2406-2779 / sales-tw@mercury-crystal.com ■U.S.A: (1)-909-466-0427 / sales-us@mercury-crystal.com ■China : (86)-512-5763-8100 / sales-cn@mecxtal.com
BC
For example :
" C20 " ±20 ppm over -10°C to +70°C ;
Industrial ( -40°C to +85°C )
DE
F
" I20 " ± 20 ppm over -40°C to +85°C
Frequency Stability
(1) Codes
Frequency Stability over
± 25 ppm
Aging
± 3 ppm per year (max.)
Rise Time ( Tr ) / Fall Time ( Tf )
0.7 nSec. ( typical ) . Measured between 0.3V to 3.0V ( 15pF load )
Frequency Deviation Range
Standard : ± 80 ppm ( min. )
Control Voltage Center / Control Voltage Range
1.65 VDC / 0.3 V to 3.0 V
Current Consumption
Start - Up Time (Ts)
10 m sec. ( max.) ; 5 m sec.( typical )
Storage Temperature
< 100 MHz : 30 mA ( max.)
100 ~ 320 MHz : 40 mA ( max.)
60 KΩ ( min.)
- 50°C to 100°C
Output Load
15 pF
Input Voltage ( VDD)
50.1 ~ 640.0 MHz
Initial Freq. Accuracy ( at 25 °C )
To tune to the nomial frequency with Vc = 1.65V ± 0.15V
3.3 V ± 5 %
Frequency Range
Integrated Phase Jitter ( 12 KHz to 20 MHz ) .
0.4 ps ( typical ) ; 0.5 ps ( max.) for 156.250 MHz
Output Logic High " 1 "
90% VDD ( min. )
Output Wave Form
CMOS output
Output Logic Low " 0 "
10% VDD ( max. )


Similar Part No. - GF43

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GF4000 ETC2-GF4000 Datasheet
427Kb / 2P
Ultra-conforming with excellent wet-out
logo
Electrolube
GF400_50ML ELECTROLUBE-GF400_50ML Datasheet
266Kb / 2P
Gap Filler
July 2019
logo
SMC Diode Solutions Co....
GF4045PC SMCDIODE-GF4045PC Datasheet
266Kb / 4P
SCHOTTKY RECTIFIER
Rev.A
GF4045PS SMCDIODE-GF4045PS Datasheet
866Kb / 5P
SCHOTTKY RECTIFIER
Rev.
GF4045TS SMCDIODE-GF4045TS Datasheet
527Kb / 5P
Power Modules Schottky Rectifier
Rev.-
More results

Similar Description - GF43

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
GF42 MERCURY-GF42 Datasheet
102Kb / 1P
SMD CMOS output
GTQF536 MERCURY-GTQF536 Datasheet
144Kb / 1P
SMD CMOS output
GTQF576 MERCURY-GTQF576 Datasheet
141Kb / 1P
SMD CMOS output
GTQN536 MERCURY-GTQN536 Datasheet
144Kb / 1P
SMD CMOS output
GTQN576 MERCURY-GTQN576 Datasheet
141Kb / 1P
SMD CMOS output
GV42 MERCURY-GV42 Datasheet
102Kb / 1P
SMD CMOS output
GW42 MERCURY-GW42 Datasheet
102Kb / 1P
SMD CMOS output
HB43 MERCURY-HB43 Datasheet
86Kb / 1P
SMD CMOS output
HB53 MERCURY-HB53 Datasheet
86Kb / 1P
SMD CMOS output
HB57 MERCURY-HB57 Datasheet
86Kb / 1P
SMD CMOS output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com