Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGA2575 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGA2575
Description  Ka-Band 3 Watt Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2575 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGA2575 Datasheet HTML 1Page - TriQuint Semiconductor TGA2575 Datasheet HTML 2Page - TriQuint Semiconductor TGA2575 Datasheet HTML 3Page - TriQuint Semiconductor TGA2575 Datasheet HTML 4Page - TriQuint Semiconductor TGA2575 Datasheet HTML 5Page - TriQuint Semiconductor TGA2575 Datasheet HTML 6Page - TriQuint Semiconductor TGA2575 Datasheet HTML 7Page - TriQuint Semiconductor TGA2575 Datasheet HTML 8Page - TriQuint Semiconductor TGA2575 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TGA2575
Ka-Band 3 Watt Power Amplifier
Data Sheet: Rev A 8/22/12
- 2 of 11 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Specifications
Absolute Maximum Ratings
Parameter
Rating
Drain Voltage,Vd
+6.5 V
Gate Voltage,Vg
-5 to 0 V
Drain to Gate Voltage, Vd-Vg
10
Drain Current, Id
3.8 A
Gate Current, Ig
-14 to 4.8 mA
Power Dissipation, Pdiss
21 W
RF Input Power, CW, 50Ω,T = 25ºC
23 dBm
Channel Temperature, Tch
200
oC
Mounting Temperature (30 Seconds)
320
oC
Storage Temperature
-40 to 150
oC
Operation of this device outside the parameter ranges given
above may cause permanent damage. These are stress
ratings only, and functional operation of the device at these
conditions is not implied.
Recommended Operating Conditions
Parameter
Min
Typical
Max
Units
Vd
6
V
Id
2.1
A
Id_drive (Under RF
Drive)
3.3
A
Vg
-0.60
V
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Electrical Specifications
Test conditions unless otherwise noted: 25ºC, Vd = 6 V, Id = 2.1 A, Vg = -0.60 V Typical.
Parameter
Min
Typical
Max
Units
Operational Frequency Range
32
38
GHz
Gain: 32 – 35 GHz
17
19
dB
Gain: 36 – 85 GHz
15
17
Input Return Loss
12
dB
Output Return Loss
12
dB
Output Power @ Saturation: 32 – 35 GHz
34.5
35.5
dBm
Output Power @ Saturation: 36 – 38 GHz
33
34.5
PAE @ Saturation
22
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com