Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N82007M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N82007M
Description  10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable, (LC-LC) - Aqua, 7M (23-ft)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N82007M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N82007M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N82007M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OM3 can support 40GBASE-SR4 / 100GBASE-SR10 in applicable parallel optics networks
10Gb Duplex Multimode 50/125 OM3 LSZH Fiber
Patch Cable, (LC/LC) - Aqua, 7M (23-ft.)
MODEL NUMBER: N820-07M
Description
Tripp Lite introduces it's new OM3 Laser-Optimized Multimode Fiber (LOMMF) "Aqua" cables, for use with 10Gb Ethernet applications. These new technology,
50/125um, LC/LC Fiber Optic cables, provide nearly three times the bandwidth over conventional 62.5um multimode fiber, with performance rivaling that of
Singlemode cable, at a much reduced cost. LOMMF cable allows 10Gb serial transmission over extended distances in the 850nm wavelength window, where
low-cost Vertical Cavity Surface Emitting Lasers (VCSELs) enable a cost-effective, high-bandwidth solution. LOMMF is ideally suited for LAN's, SAN's, and
high-speed parallel interconnects for head-ends, central offices, and data centers.
Features
7 Meter ( 23ft ) LC/LC, OM3 Rated
10gb Ethernet speed to 300 meters @850nm
Use with VCSEL and LED laser light sources
High-Speed, High-Bandwidth, Low-Cost
Backward compatible with legacy LAN's
Ideal for Fibre Channel (SAN) applications
IEEE 802.3ae and TIA LOMMF compliant
Specifications
OVERVIEW
Fiber Type
50/125 - OM3
Cable Type
Multimode; 10G/40G/100G
INPUT
Highlights
Designed for 10-Gig Ethernet
applications...OM3 Rated
Backward compatible with
existing 50/125 fiber
Max 10Gb distance of 300
meters @850nm
Low-Smoke, Zero Halogen
(LSZH) Aqua jack
Applications
For use with 10-Gigabit Ethernet
equipment
Package Includes
7 meter ( 23ft ) Duplex
Multimode 50/125 Aqua OM3
Fiber Patch Cable, LC/LC
1 / 2


Similar Part No. - N82007M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N82001M TRIPPLITE-N82001M Datasheet
474Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (LC-LC) - Aqua, 1M (3-ft)
N82001MOM4 TRIPPLITE-N82001MOM4 Datasheet
480Kb / 2P
10Gb-100Gb Duplex Multimode 50-125 OM4 LSZH Fiber Patch Cable (LC-LC) - Aqua, 1M (3-ft.)
N82001MT TRIPPLITE-N82001MT Datasheet
513Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber
N82002M TRIPPLITE-N82002M Datasheet
475Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (LC-LC) - Aqua, 2M (6-ft)
N82002MOM4 TRIPPLITE-N82002MOM4 Datasheet
480Kb / 2P
10Gb-100Gb Duplex Multimode 50-125 OM4 LSZH Fiber Patch Cable (LC-LC) - Aqua, 2M (6-ft)
More results

Similar Description - N82007M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N82008M TRIPPLITE-N82008M Datasheet
487Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable, (LC-LC) - Aqua, 8M (26-ft)
N82015M TRIPPLITE-N82015M Datasheet
475Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable, (LC-LC) - Aqua, 15M (50-ft)
N82025M TRIPPLITE-N82025M Datasheet
474Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable, (LC-LC) - Aqua, 25M (82-ft.)
N82050M TRIPPLITE-N82050M Datasheet
475Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable, (LC-LC) - Aqua, 50M (164-ft.)
N820-06M TRIPPLITE-N820-06M Datasheet
154Kb / 2P
10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable, (LC/LC) - Aqua, 6M (20-ft.)
N820-07M TRIPPLITE-N820-07M Datasheet
154Kb / 2P
10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable, (LC/LC) - Aqua, 7M (23-ft.)
N820-15M TRIPPLITE-N820-15M Datasheet
154Kb / 2P
10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable, (LC/LC) - Aqua, 15M (50-ft.)
N820-25M TRIPPLITE-N820-25M Datasheet
154Kb / 2P
10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable, (LC/LC) - Aqua, 25M (82-ft.)
N820-30M TRIPPLITE-N820-30M Datasheet
154Kb / 2P
10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable, (LC/LC) - Aqua, 30M (100-ft.)
N820-03M TRIPPLITE-N820-03M Datasheet
154Kb / 2P
10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (LC/LC) - Aqua, 3M (10-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com