Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N83603M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N83603M
Description  10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (Mini-LC - LC) - Aqua, 3M (10-ft)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N83603M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N83603M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N83603M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OM3 can support 40GBASE-SR4 / 100GBASE-SR10 in applicable parallel optics networks
10Gb Duplex Multimode 50/125 OM3 LSZH Fiber
Patch Cable (Mini-LC / LC) - Aqua, 3M (10-ft.)
MODEL NUMBER: N836-03M
Description
Tripp Lite introduces it's new, Mini-LC to LC, OM3 Laser-Optimized Multimode Fiber (LOMMF) "Aqua" cables,
for use with 10Gb Ethernet applications, utilizing mini SFP transceivers, such as Brocade FC8-64 High Density 64-port Fibre Channel Blade. These new
technology, 50/125um, mini-LC/LC Fiber Optic cables, provide nearly three times the bandwidth over conventional 62.5um multimode fiber, with performance
rivaling that of Singlemode cable, at a much reduced cost. LOMMF cable allows 10Gb serial transmission over extended distances in the 850nm wavelength
window, where low-cost Vertical Cavity Surface Emitting Lasers (VCSELs) enable a cost-effective, high-bandwidth solution. LOMMF is ideally suited for LAN's,
SAN's, and high-speed parallel interconnects for head-ends, central offices, and data centers.
Features
Mini-LC to LC Fiber Patch Cable, 3 Meter
Designed for 10-Gig Ethernet applications...OM3 Rated
For use with networking hardware employing mini-LC SFP transceivers
Max 10Gb distance of 300 meters @850nm
Low-Smoke, Zero Halogen (LSZH) Aqua jacket
Use with Brocade FC8-64 and other Mini-LC SFP devices
Specifications
OVERVIEW
Fiber Type
50/125 - OM3
Cable Type
Multimode; 10G/40G/100G
INPUT
Highlights
Mini-LC to LC Fiber Patch Cable,
3 Meter
Designed for 10-Gig Ethernet
applications...OM3 Rated
For use with networking
hardware employing mini-LC
SFP transceivers
Max 10Gb distance of 300
meters @850nm
Low-Smoke, Zero Halogen
(LSZH) Aqua jacket
Applications
Use with mini-LC SFP Fiber
Transceivers
Package Includes
3M (10-ft.) 10Gb Duplex MMF
50/125 OM3 LSZH Patch Cable (
Mini-LC / LC) - Aqua
1 / 2


Similar Part No. - N83603M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N83601M TRIPPLITE-N83601M Datasheet
488Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (Mini-LC - LC) - Aqua, 1M (3-ft)
N83602M TRIPPLITE-N83602M Datasheet
489Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (Mini-LC - LC) - Aqua, 2M (6-ft)
N83605M TRIPPLITE-N83605M Datasheet
488Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (Mini-LC - LC) - Aqua, 5M (16-ft)
More results

Similar Description - N83603M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N81603M TRIPPLITE-N81603M Datasheet
487Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (LC-SC) - Aqua, 3M (10-ft)
N81803M TRIPPLITE-N81803M Datasheet
488Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (LC-ST) - Aqua, 3M (10-ft)
N82015M TRIPPLITE-N82015M Datasheet
475Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable, (LC-LC) - Aqua, 15M (50-ft)
N83605M TRIPPLITE-N83605M Datasheet
488Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (Mini-LC - LC) - Aqua, 5M (16-ft)
N83803M TRIPPLITE-N83803M Datasheet
483Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (Mini-LC - Mini-LC) - Aqua, 3M (10-ft)
N836-03M TRIPPLITE-N836-03M Datasheet
160Kb / 2P
10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (Mini-LC / LC) - Aqua, 3M (10-ft.)
N838-03M TRIPPLITE-N838-03M Datasheet
158Kb / 2P
10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (Mini-LC / Mini-LC) - Aqua, 3M (10-ft.)
N816-03M TRIPPLITE-N816-03M Datasheet
157Kb / 2P
10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (LC/SC) - Aqua, 3M (10-ft.)
N818-03M TRIPPLITE-N818-03M Datasheet
158Kb / 2P
10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (LC/ST) - Aqua, 3M (10-ft.)
N820-03M TRIPPLITE-N820-03M Datasheet
154Kb / 2P
10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (LC/LC) - Aqua, 3M (10-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com