Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STESD05CL Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STESD05CL
Description  Low Capacitance ESD Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STESD05CL Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STESD05CL_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STESD05CL_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STESD05CL_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
STESD05CL
40W, 5V
Low Capacitance ESD Protection (Bi-directional)
15-May-2014 Rev. B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
Designed to protect voltage sensitive electronic
components from ESD and other transients. Excellent
clamping capability, low leakage, low capacitance, and fast
response time provide best in class protection on designs
that are exposed to ESD. The combination of small size,
low capacitance, and high level of ESD protection makes
them a flexible solution for applications such as HDMI,
Display Port TM, and MDDI interfaces. It is designed to
replace multiplayer varistors (MLV) in consumer equipments
applications such as mobile phone, notebook, PAD, STB,
LCD TV etc.
APPLICATIONS
Computers and peripherals
High speed data lines
Audio and video equipment
Cellular handsets and accessories
Subscriber identity module(SIM) card protection
FEATURES
Bi-directional ESD protection of one line
Low capacitance: 12pF(Typ.)
Low reverse stand−off voltage: 5.0V
Low reverse clamping voltage
Low leakage current
Excellent package:1.0mm×0.6mm×0.5mm
Fast response time
JESD22-A114-B ESD Rating of class 3B per human body model
IEC 61000-4-2 Level 4 ESD protection
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
WBFBP-02C
10K
7 inch
WBFBP-02C
Bi-direction


A
C
B
F
M
M
G
J
H
K
E
D
L
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.950
1.050
G
0.275
0.325
B
0.550
0.650
H
0.275
0.325
C
0.450
0.550
J
0.275
0.325
D
0.450 REF.
K
0.675
0.725
E
0.400 REF.
L
0.010
0.070
F
0.275
0.325
M
0.010 REF.
H
Top View


Similar Part No. - STESD05CL_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STESD05CL-C SECOS-STESD05CL-C Datasheet
345Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
More results

Similar Description - STESD05CL_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
ESDL05R SECOS-ESDL05R Datasheet
166Kb / 3P
Low Capacitance ESD Protection
ESDL05R SECOS-ESDL05R_15 Datasheet
166Kb / 3P
Low Capacitance ESD Protection
logo
Pan Jit International I...
PJEC5V0M1TM PANJIT-PJEC5V0M1TM Datasheet
260Kb / 6P
Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
FM05VDB-10PF FUTUREWAFER-FM05VDB-10PF Datasheet
789Kb / 6P
Low Capacitance ESD Protection
FESD3V3B FUTUREWAFER-FESD3V3B Datasheet
546Kb / 3P
Low capacitance ESD protection
logo
SeCoS Halbleitertechnol...
KS05VL4 SECOS-KS05VL4_18 Datasheet
160Kb / 2P
Low Capacitance ESD Protection
logo
Shanghai Yint Electroni...
ESDSLVU2.8-4 YINT-ESDSLVU2.8-4 Datasheet
842Kb / 4P
Low Capacitance ESD Protection
logo
Littelfuse
AQ3400 LITTELFUSE-AQ3400 Datasheet
1Mb / 5P
Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1605M4AQ PANJIT-PE1605M4AQ Datasheet
331Kb / 5P
Low Capacitance ESD Protection
February 9,2017-REV.00
PEC3107M1AQ PANJIT-PEC3107M1AQ Datasheet
224Kb / 5P
Low Capacitance ESD Protection
July 5,2018-REV.01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com