Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN443 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN443
Description  SERIES OPERATION OF FAST RECTIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN443 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN443 Datasheet HTML 6Page - STMicroelectronics AN443 Datasheet HTML 7Page - STMicroelectronics AN443 Datasheet HTML 8Page - STMicroelectronics AN443 Datasheet HTML 9Page - STMicroelectronics AN443 Datasheet HTML 10Page - STMicroelectronics AN443 Datasheet HTML 11Page - STMicroelectronics AN443 Datasheet HTML 12Page - STMicroelectronics AN443 Datasheet HTML 13Page - STMicroelectronics AN443 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11/14
AN443 APPLICATION NOTE
Example
– Given:
– Use of a 3-BYT12PI-1000 for VM = 2500V
– Operating conditions:
– Tj = 100°C
– di/dt = 20A/ms
– F = 25 kHz
–
δ = .5
– Rectifier specification:
–VRRM = 1000V
–IRM at VRRM = 2.5mA at Tj = 100°C
–QRR = .5µC (in operating conditions)
Problem
3 TRANSIL diodes are connected in series across each rectifier. What is the suitable part number?
Design Steps
–VBR calculation:
– Power dissipation in steady state:
P1 < IR
. VBRmax . δ
with
IR = .85 x 2.5 ≈ 2mA
VBRmax = 330V
P1 < 330mW
– Power dissipation in switching phase:
P2 = E . F < 1/2 (n-1) QRR . VBRmax
. F
with
∆QRR = .5 x .3 = .15µC
F = 25 kHz and n = 3
then P2 < 1.2W
– Max total power dissipation P1 + P2 1.530 W
Solution: 1.5 KE series can be used (1.5KE300CP)
CONCLUSION
When using several fast rectifiers in series it is necessary to make sure that no diode will be subjected to
continuous or transient voltages in excess of their ratings.
In most cases, this is achieved by using sharing networks across each diode. It is important to optimize
this circuit in order to reduce power consumption and to save space.
Parallel resistors can be optimized by using the model of the fast recovery diodes reverse characteristic
proposed in this paper. Then, thanks to a good knowledge of the reverse current and its variation in the
V
BRmin
2500
3x3
-------------
277V
=
>
V
BRmax
1000
3
-------------
333V
=
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com