Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN604 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN604
Description  Calculation of conduction losses in a power rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN604 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN604 Datasheet HTML 4Page - STMicroelectronics AN604 Datasheet HTML 5Page - STMicroelectronics AN604 Datasheet HTML 6Page - STMicroelectronics AN604 Datasheet HTML 7Page - STMicroelectronics AN604 Datasheet HTML 8Page - STMicroelectronics AN604 Datasheet HTML 9Page - STMicroelectronics AN604 Datasheet HTML 10Page - STMicroelectronics AN604 Datasheet HTML 11Page - STMicroelectronics AN604 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AN604
An application example
Doc ID 3607 Rev 3
9/12
3.1
Average and rms current calculation
The first step is the calculation of the average and rms currents.
The forward average current is the output current: IF(AV) = Iload = 4.7 A.
As illustrated in Figure 6, the forward current has a trapezoidal shape. The formula to
calculate the rms current of trapezoidal waveform is given in Figure 4. IF(RMS) is then:
Equation 15
3.2
VT0 (Tj) and RD (Tj) calculation
The second step is the calculation of VT0 (Tj) and RD (Tj) in the application condition range.
Figure 7.
STPS30M100S forward voltage drop versus forward current
Tjref1 = 25 °C and Tjref2 = 125 °C. To calculate maximum conduction losses, read maximum
values of VF at IMin and IMax in Figure 7. This figure is available in the STPS30M100S
datasheet. These values are summarized in Table 1.
() ( )
6.4 A
0.6
3
4
11.8
4
11.8
I
2
2
F(RMS)
=
+
+
=
Table 1.
VF(Max) values at IMin and IMax
IF (A)
VF(Max)(IF, 25 °C) (V)
VF(Max)(IF, 125 °C) (V)
IMin = 4
0.52
0.43
IMax = 11.8
0.63
0.55
I Min = 4A
I Max = 11.8A
0.43V
0.55V
0.63V
0.52V
(Typical values)
T = 125 °C
j
(Maximum values)
T = 125 °C
j
(Maximum values)
T = 25 °C
j
I
FM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com