Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU1209 Datasheet(PDF) 10 Page - International Rectifier

Part # IRU1209
Description  1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1209 Datasheet(HTML) 10 Page - International Rectifier

  IRU1209 Datasheet HTML 1Page - International Rectifier IRU1209 Datasheet HTML 2Page - International Rectifier IRU1209 Datasheet HTML 3Page - International Rectifier IRU1209 Datasheet HTML 4Page - International Rectifier IRU1209 Datasheet HTML 5Page - International Rectifier IRU1209 Datasheet HTML 6Page - International Rectifier IRU1209 Datasheet HTML 7Page - International Rectifier IRU1209 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 8 page
background image
10
Rev. 2.3
08/02/02
IRU1206 / IRU1207 / IRU1208 / IRU1209
www.irf.com
(S) SOIC Package
8-Pin Surface Mount, Narrow Body
SYMBOL
A
B
C
D
E
F
G
H
I
J
K
L
T
MIN
4.80
0.36
3.81
1.52
0.10
0.19
5.80
0
8
0.41
1.37
MAX
4.98
0.46
3.99
1.72
0.25
0.25
6.20
8
8
1.27
1.57
1.27 BSC
0.53 REF
7
8 BSC
8-PIN
NOTE: ALL MEASUREMENTS ARE IN MILLIMETERS.
PIN NO. 1
I
K
H
DETAIL-A
DETAIL-A
0.38
6 0.015 x 458
T
G
F
D
A
B
C
E
L
J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com