Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU1209 Datasheet(PDF) 1 Page - International Rectifier

Part # IRU1209
Description  1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1209 Datasheet(HTML) 1 Page - International Rectifier

  IRU1209 Datasheet HTML 1Page - International Rectifier IRU1209 Datasheet HTML 2Page - International Rectifier IRU1209 Datasheet HTML 3Page - International Rectifier IRU1209 Datasheet HTML 4Page - International Rectifier IRU1209 Datasheet HTML 5Page - International Rectifier IRU1209 Datasheet HTML 6Page - International Rectifier IRU1209 Datasheet HTML 7Page - International Rectifier IRU1209 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRU1206 / IRU1207 / IRU1208 / IRU1209
1
Rev. 2.3
08/02/02
www.irf.com
TYPICAL APPLICATION
DESCRIPTION
The IRU1206 family of devices are ultra low dropout 1A
regulators using PNP transistor as the pass element.
These products are ideal when a single input supply is
only available and the dropout voltage is less than 1V,
exceeding the minimum dropout characteristics of NPN/
PNP hybrid regulators. One common application of these
regulators is where input is 3.3V and a 2.5V output is
needed.
Besides the low dropout of less than 0.5V, other fea-
tures of the family of the parts are: micro-power shut-
down capability and output UVLO detection where Flag
pin is switched low when output is below 5% of its nomi-
nal point.
1A VERY LOW DROPOUT POSITIVE
FIXED AND ADJUSTABLE REGULATORS
PACKAGE ORDER INFORMATION
TJ (°C)
2-PIN TO-252
3-PIN
8-PIN PLASTIC
VOLTAGE
PIN FUNCTIONS
(D-PAK)
SOT-223 (Y)
SOIC (S)
0 To 125
IRU1206-18CD
IRU1206-18CY
NA
1.8V
VIN, VOUT, Gnd
0 To 125
IRU1206-25CD
IRU1206-25CY
NA
2.5V
VIN, VOUT, Gnd
0 To 125
IRU1206-33CD
IRU1206-33CY
NA
3.3V
VIN, VOUT, Gnd
0 To 125
NA
NA
IRU1207-18CS
1.8V
VIN, VOUT, Gnd, Enable, Flag
0 To 125
NA
NA
IRU1207-25CS
2.5V
VIN, VOUT, Gnd, Enable, Flag
0 To 125
NA
NA
IRU1207-33CS
3.3V
VIN, VOUT, Gnd, Enable, Flag
0 To 125
NA
NA
IRU1208CS
Adj
VIN, VOUT, Gnd, Flag, Adj
0 To 125
NA
NA
IRU1209CS
Adj
VIN, VOUT, Gnd, Enable, Adj
Data Sheet No. PD94134
Figure 1 - Typical application of the 1206-XX in a 3-Pin SOT-223 package.
Low Dropout Voltage (500mV at 1A)
1% Voltage Reference Accuracy
Low Ground Current
1
mA Maximum Quiescent Current in Shutdown
(IRU1207, IRU1208)
Fast Transient Response
Current Limit and Thermal Shutdown
Error Flag Signal for Output out of Regulation
(IRU1207, IRU1208)
FEATURES
2.5V Supply from 3.3V Input for the new
generation of Logic ICs
Computer Mother Board, Add-On Cards
High Efficiency Post Regulator in Switch Mode
Power Supply (SMPS)
APPLICATIONS
VIN
VOUT
C1
C2
IRU1206-
XX
3
1
2
VOUT
Gnd
VIN


Similar Part No. - IRU1209

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1209 IRF-IRU1209 Datasheet
94Kb / 12P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
IRU1209CS IRF-IRU1209CS Datasheet
94Kb / 12P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
IRU1209PBF IRF-IRU1209PBF Datasheet
152Kb / 12P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
More results

Similar Description - IRU1209

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
1A Fixed Low Dropout Positive Voltage Regulators
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com