Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU1209PBF Datasheet (PDF) - International Rectifier

IRU1209PBF Datasheet PDF - International Rectifier
Part # IRU1209PBF
Download  IRU1209PBF Download
File Size   152.38 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS

IRU1209PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRU1209PBF Datasheet PDF - International Rectifier

Part # IRU1209PBF
Download  IRU1209PBF Click to download

File Size   152.38 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS

IRU1209PBF Datasheet (HTML) - International Rectifier


IRU1209PBF Product details

Features
Low Dropout Voltage (500mV at 1A)
1% Voltage Reference Accuracy
Low Ground Current
1μA Maximum Quiescent Current in Shutdown
(IRU1207, IRU1208)
Fast Transient Response
Current Limit and Thermal Shutdown
Error Flag Signal for Output out of Regulation
(IRU1207, IRU1208)

APPLICATIONS
2.5V Supply from 3.3V Input for the new
generation of Logic ICs
Computer Mother Board, Add-On Cards
High Efficiency Post Regulator in Switch Mode
Power Supply (SMPS)




Similar Part No. - IRU1209PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1209 IRF-IRU1209 Datasheet
114Kb / 8P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
IRU1209 IRF-IRU1209 Datasheet
94Kb / 12P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
IRU1209CS IRF-IRU1209CS Datasheet
94Kb / 12P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
More results


Similar Description - IRU1209PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
1A Fixed Low Dropout Positive Voltage Regulators
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com