Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1702 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1702
Description  ST485EB for e-meter applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1702 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1702 Datasheet HTML 3Page - STMicroelectronics AN1702 Datasheet HTML 4Page - STMicroelectronics AN1702 Datasheet HTML 5Page - STMicroelectronics AN1702 Datasheet HTML 6Page - STMicroelectronics AN1702 Datasheet HTML 7Page - STMicroelectronics AN1702 Datasheet HTML 8Page - STMicroelectronics AN1702 Datasheet HTML 9Page - STMicroelectronics AN1702 Datasheet HTML 10Page - STMicroelectronics AN1702 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AN1702
Transient voltage suppression
9/11
7
Transient voltage suppression
Transient voltage surges are generated generally by inductive load switching, for example,
the equipment starts and stops, lightning strikes, etc. The standard IEC 61000-4-5 Immunity
Test describes a method to test circuits with a waveform simulating these conditions (see
Figure 6).
Figure 6.
IEC 61000-4-5 transient voltage test V and I waveforms
Surge voltages inducted on both differential lines do not affect the entire system operation, if
the bus is isolated, and the ground voltage shift generated does not exceed the maximum
ratings. However, the use of additional transient voltage suppressors (TVS) is advisable, in
order to protect against surges in case of miswiring, incorrect grounding and other fault
conditions. ST offers a wide range of TVS. Visit the site:
http://eu.st.com/stonline/discretes/index.shtml. The selection criteria are the stand-off
voltage (VRM), the clamping voltage (VCL) and the peak power dissipation (PD). The stand-
off voltage must not exceed the operating common mode voltage range (-7 to +12 V), in
order to avoid clamping during the normal operation, while the clamping voltage must be low
enough to hold the line voltage with no damage to the protected circuits. The peak power
dissipation is the product of the clamping voltage and the peak current that can be managed
by the TVS without being harmed. One TVS suitable for a RS-485 network is the ST’s
SMA12CA. It has:
Equation 2
Figure 7.
Usage of the transient voltage suppressors in the RS-485 network
V
RM=
V
CL
19.9 V
=
@ IPEAK
20A;
=
+/- 12 V;
P
D
400 W
=
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com