Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1768 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1768
Description  ADMISSIBLE AVALANCHE POWER OF SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1768 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1768 Datasheet HTML 1Page - STMicroelectronics AN1768 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
AN1768
APPLICATION NOTE
®
ADMISSIBLE AVALANCHE POWER OF SCHOTTKY DIODES
October 2003 - Ed: 1
D. JOUVE
INTRODUCTION
The design of Switch Mode Power Supply (SMPS) is subjected to ever increasing cost and efficiency
constraints.
One way to respond to these aggressive specifications is to use components closer to their intrinsic limits.
The increasing use of Schottky diodes in the avalanche area is a good example of this evolution.
To help the designer to optimize the choice of the Schottky diode in a rectification application,
STMicroelectronics is proposing a simple tool to determine if a given ST Schottky diode can withstand the
avalanche energy fixed by the application conditions.
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
175
Tj (°C)
P
(t , T ) / P
(tp, 25°C) versus T
ARM p
j
ARM
j
Fig. 2: Avalanche power derating over tempera-
ture range.
1. DESIGN RULES
The first step for the designer is to estimate, in the
worst-case conditions, the following parameters:
n
Operating junction temperature: Tj
n
Pulse duration of the avalanche current: tp
n
Avalanche energy by pulse generated by the
converter in the Schottky diode: EAP
STMicroelectronics guarantees for each Schottky
diode a reference avalanche power given at
tp=1µs and Tj=25°C: PARM(1µs,25°C) (corre-
sponding to a rectangular current pulse ).
Table 1 gives PARM(1µs,25°C) for some part
numbers.
Part number
PARM(1µs; 25°C)
per diode
STPS1545D (2x7.5A)
2.7 kW
STPS2045CT (2x10A)
4 kW
STPS3045CT (2x15A)
6 kW
STPS20H100CT (2x10A)
10.8 kW
Table 1: PARM(1µs, 25°C) values for some ST
Schottky diodes.
Derating curves
figure 2 and figure 3 give the ad-
missible avalanche power versus tp and Tj.
PARM(1µs, 25°C) for each part number as well as
the derating curves are given in the respective
datasheet.
The designer must ensure that the guaranteed
avalanche energy EARM(tp,Tj) is greater than the
avalanche energy in the application EAP.
P
(t , T ) / P
(1µs,
) versus tp
ARM p
j
ARM
Tj
tp(µs)
10
1
1
0.01
0.1
0.1
0.001
0.01
100
1000
10
Fig. 3: Avalanche power derating over pulse dura-
tion range


Similar Part No. - AN1768

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
AN1768 ARISTA-AN1768 Datasheet
3Mb / 51P
QUICKSTART GUIDE Data Center Switches
AN1768 ARISTA-AN1768 Datasheet
3Mb / 52P
Quick Start Guide Data Center Switches
More results

Similar Description - AN1768

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PP6KE6.8 LITTELFUSE-PP6KE6.8 Datasheet
406Kb / 5P
Silicon Avalanche Diodes - Silicon Avalanche Diodes
logo
Shenzhen Luguang Electr...
R2G LUGUANG-R2G Datasheet
134Kb / 2P
Avalanche Diodes
R2K LUGUANG-R2K Datasheet
266Kb / 2P
Avalanche Diodes
R2KS LUGUANG-R2KS Datasheet
93Kb / 2P
Avalanche Diodes
R2KY LUGUANG-R2KY Datasheet
323Kb / 2P
Avalanche Diodes
R2G LUGUANG-R2G Datasheet
140Kb / 2P
Avalanche Diodes
R2K LUGUANG-R2K Datasheet
266Kb / 2P
Avalanche Diodes
R2KN LUGUANG-R2KN Datasheet
289Kb / 2P
Avalanche Diodes
R2KS LUGUANG-R2KS Datasheet
93Kb / 2P
Avalanche Diodes
R2KY LUGUANG-R2KY Datasheet
323Kb / 2P
Avalanche Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com