Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0289 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM0289
Description  This user manual describes the features of the eMotion Kit
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0289 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM0289 Datasheet HTML 19Page - STMicroelectronics UM0289 Datasheet HTML 20Page - STMicroelectronics UM0289 Datasheet HTML 21Page - STMicroelectronics UM0289 Datasheet HTML 22Page - STMicroelectronics UM0289 Datasheet HTML 23Page - STMicroelectronics UM0289 Datasheet HTML 24Page - STMicroelectronics UM0289 Datasheet HTML 25Page - STMicroelectronics UM0289 Datasheet HTML 26Page - STMicroelectronics UM0289 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
UM0289
Using eMotion
23/29
5
Using eMotion
5.1
Evaluate eMotion kit
In order to start eMotion system all this items should be available:
eMotion GUI
MDK-ST10 board
Feedback board
At least 1 powerSPIN board (Eval 6205 / Eval 6235)
At least 1 BLDC or 1 DC motor (respectively to be used with Eval 6205 or Eval 6235)
eMotion firmware
5.1.1
Installing eMotion GUI
To install the eMotion GUI, launch the setup file named eMotion_GUI_XX_Setup.exe. After
the acceptance of the license agreement, a new menu item (STMicroelectronics \ eMotion )
will be created; use this link to launch the software.
The eMotion software is compatible with the Windows XP OS.
5.1.2
Board configuration
MDK-ST10:
ST10 FLASHING: The first operation to perform, before starting to use eMotion kit, is to
flash ST10 microcontroller with eMotion firmware; in order to achieve this task, ST10Flasher
(V2.4B or above) software has to be used (i.e. a software windows compatible useful to
program the internal flash of ST10).
Connect MDK-ST10 to PC via a RS232 straight cable and puts ST10 in BSL mode (turn on
bit 5 of switch 3 and reset the board). Using ST10Flasher, load file named "emotion.hex"
and perform the flashing of microcontroller, so turn off bit 5 of switch 3 and reset the board.
Now MDK-ST10 is ready to be used with eMotion kit (EA jumpers has to be switched to 1)
J206 jumpers: In order to use the power spin boards, J206 jumpers have to placed in
"Practi" position.
VCC Practi X Jumpers: leave open the Jumper VCC Practi1,VCC Practi2 and VCC Practi3.
SW3: All OFF
SW5: CSSEL0 ON,CLK1 ON, all the remains bits OFF.
Feedback board:
Connect the feedback board to the four expansion connectors of MDK-ST10 (the connectors
surrounding microcontroller).
The correct connection for incremental encoder of motors is shown in Table 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com