Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0546 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0546
Description  Evaluation board for ABS valve drivers system
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0546 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0546 Datasheet HTML 9Page - STMicroelectronics UM0546 Datasheet HTML 10Page - STMicroelectronics UM0546 Datasheet HTML 11Page - STMicroelectronics UM0546 Datasheet HTML 12Page - STMicroelectronics UM0546 Datasheet HTML 13Page - STMicroelectronics UM0546 Datasheet HTML 14Page - STMicroelectronics UM0546 Datasheet HTML 15Page - STMicroelectronics UM0546 Datasheet HTML 16Page - STMicroelectronics UM0546 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
UM0546
Evaluation board description
Doc ID 14680 Rev 2
13/18
2.2.4
Oscillator block
To obtain clock at 250 kHz frequency, has been used an oscillator to 1 MHz and a counter
(for frequency division). In this way is possible obtain the 250 kHz needed fot L9352B, from
different oscillator. Otherwise, is possible connect the CLK line with line caming from µC.
The following table describes the pin out of connectors J20, J21 and J22:
Table 4.
Valve connectors J17, J18 and J19
Name
Figure
Description
J18 Pin 1
Figure 10.
Status Q1 of L9352B driver
J18 Pin 2
Status Q2 of L9352B driver
J18 Pin 3
Status Q3 of L9352B driver
J18 Pin 4
Status Q4 of L9352B driver
J19 Pin 1
Input Q1 of L9352B driver
J19 Pin 2
Input Q2 of L9352B driver
J19 Pin 3
Input Q3 of L9352B driver
J19 Pin 4
Input Q4 of L9352B driver
J17 Pin 1
Output Q1 of L9352B driver
J17 Pin 2
Output Q2 of L9352B driver
J17 Pin 3
Output Q3 of L9352B driver
J17 Pin 4
Output Q4 of L9352B driver
Figure 11.
Oscillator and clock selector
2
4
6
8
10
12
14
16
18
20
22
24
26
1
3
5
7
9
11
13
15
17
19
21
23
25
J21
CLK Selector
J22
JUMPER_2
C18
100n
0
CLK
10
QA
9
QB
7
QC
6
QD
5
QE
3
QF
2
QG
4
QH
13
QI
12
QJ
14
QK
15
QL
1
U1
74HC4040
0
V5
CLK
VDD_5
14
OUT
8
GND
7
E/D
1
Y1
1 MHz - OSCILLATOR
V5
CLK_uC
1
2
J20
JUMPER_2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com