Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0715 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM0715
Description  SPC563MPrimerBasic
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0715 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM0715 Datasheet HTML 6Page - STMicroelectronics UM0715 Datasheet HTML 7Page - STMicroelectronics UM0715 Datasheet HTML 8Page - STMicroelectronics UM0715 Datasheet HTML 9Page - STMicroelectronics UM0715 Datasheet HTML 10Page - STMicroelectronics UM0715 Datasheet HTML 11Page - STMicroelectronics UM0715 Datasheet HTML 12Page - STMicroelectronics UM0715 Datasheet HTML 13Page - STMicroelectronics UM0715 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Basic command
UM0715
10/24
Doc ID 15798 Rev 2
GOTO
GOTO executes a jump to another line. The line number is usually a constant, but GOTO x is
supported.
Usage
GOTO numeri0
10 GOTO 100
10 GOTO x
IF...THEN
The IF ... THEN construct allows to make decisions.
If the test condition is true, then control jumps to the line indicated after the THEN keyword. If
false, control passes to the next line. No statements other than a line number may appear after
the THEN keyword, though the form:
IF y < 10 THEN x
is supported .
The relational operators are =, <> (not equal), >, >=, < and <=. They can be applied to strings or
to numerical expressions.
The AND and OR logical operators can also be used.
Usage
IF relational THEN numeric
10 IF x < 10 THEN 100
10 IF a$ <>
“OK” AND a$ <> “YES” THEN x
NEXT
For description see FOR.
Usage
NEXT id
10 FOR I = 1 TO 10
20 PRINT I
30 NEXT I
REM
This statement is used for adding comments to programs.
It allows multi-line comments, as long as the first character of every continued line is a space.
Usage
REM any comments
10 REM Demonstration program by Malcolm McLean
10 REM This is an extremely long comment, which is spread over
two
10 REM PRINT
“This PRINT statement is commented out”
.
Table 1.
Basic commands (continued)
Name
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com