Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0759 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM0759
Description  L9958 evaluation board and graphical user interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0759 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM0759 Datasheet HTML 18Page - STMicroelectronics UM0759 Datasheet HTML 19Page - STMicroelectronics UM0759 Datasheet HTML 20Page - STMicroelectronics UM0759 Datasheet HTML 21Page - STMicroelectronics UM0759 Datasheet HTML 22Page - STMicroelectronics UM0759 Datasheet HTML 23Page - STMicroelectronics UM0759 Datasheet HTML 24Page - STMicroelectronics UM0759 Datasheet HTML 25Page - STMicroelectronics UM0759 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
UM0759
General description
Doc ID 16058 Rev 2
23/26
Table 8.
Partly diagnostic testing result
Item
Operation
SPI status
register bit
Diagnostic information
Result
Open Load In
OFF Condition
Open load
BIT 0
pass
Open Load In
ON Condition
& turn on the OUT1,2
BIT 1
pass
Vs Under
Voltage
Vbat<3.6V
BIT 2
pass
Current
Limitation
Reached
Short circuit
BIT 4
pass
Bridge Enable
Turn on OUT1,2
BIT 7
pass
High-Side 1
Over Current
DIR=1,EN=1,DI=0,PWM=1
CONNECT OUT1 to GND
BIT9
pass
Low-Side 2
Over Current
DIR=1,EN=1,DI=0,PWM=1
CONNECT OUT2 to Vbatt
BIT8
pass
High-Side 2
Over Current
DIR=0,EN=1,DI=0,PWM=1
CONNECT OUT2 to GND
BIT11
pass
Low-Side 1
Over Current
DIR=0,EN=1,DI=0,PWM=1
CONNECT OUT1 to Vbatt
BIT10
pass
Short To GND in
OFF Condition
Connect OUT1 to GND
BIT14
pass
Connect OUT2 to GND
Short To Battery
in OFF
Condition
Connect OUT1 to Vbat
BIT15
pass
Connect OUT2 to Vbat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com