Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1529 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM1529
Description  This document describes the functioning
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1529 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM1529 Datasheet HTML 27Page - STMicroelectronics UM1529 Datasheet HTML 28Page - STMicroelectronics UM1529 Datasheet HTML 29Page - STMicroelectronics UM1529 Datasheet HTML 30Page - STMicroelectronics UM1529 Datasheet HTML 31Page - STMicroelectronics UM1529 Datasheet HTML 32Page - STMicroelectronics UM1529 Datasheet HTML 33Page - STMicroelectronics UM1529 Datasheet HTML 34Page - STMicroelectronics UM1529 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
Capacitors
C32
6.8 µF/16 V
Leaded
Panasonic -
ECG
ECE-A1CKG6R8
Digi-Key
P909-ND
C33
470 µF/35 V
Leaded
Nichicon
UVR1V471MPD
Digi-Key
493-1084-ND
C34
47 µF/50 V
Leaded
Panasonic -
ECG
ECA-1HM470
Digi-Key
P5181-ND
C35
1000 µF/16 V
Leaded
Panasonic -
ECG
ECA-1CM102
Digi-Key
P5142-ND
Resistors
R1,R13,R32,R36,R37
10 k
Ω
SMD0805
Any
R2
1 M
Ω
SMD0805
Any
R3,R8,R11,R17,R18,
R20,R21,R27,R33,R3
4,R35,R42,R43,R44,R
46,R47,R49
0
SMD0805
Any
R4,R10,R14,R19
1 k
Ω
SMD0805
Any
R5
6.8
Ω
SMD0805
Any
R6
5.1
Ω
SMD0805
Any
R7
42.2 k
Ω
SMD0805
Any
R9,R15
2 M
Ω
SMD0805
Any
R12
100
Ω
SMD0805
Any
R16
2.2 k
Ω
SMD0805
Any
R22,R41
100 k
Ω
SMD0805
Any
R23,R24,R25
261 k
Ω
SMD1206
Any
R26
475
Ω
SMD0805
Any
R28
82, 2 W
Leaded
Yageo
RSF200JB-82R
Digi-Key
82W-2-ND
R29
15 k
Ω
SMD0805
Any
R30
22 k
Ω
SMD0805
Any
Table 13.
BOM (continued)
Category
Reference
designator
Component
description
Package
Manufacturer
Manufacturer’s
ordering code /
orderable part number
Supplier
Supplier ordering
code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com