Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1569 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM1569
Description  SmartPlugW demonstration board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1569 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM1569 Datasheet HTML 16Page - STMicroelectronics UM1569 Datasheet HTML 17Page - STMicroelectronics UM1569 Datasheet HTML 18Page - STMicroelectronics UM1569 Datasheet HTML 19Page - STMicroelectronics UM1569 Datasheet HTML 20Page - STMicroelectronics UM1569 Datasheet HTML 21Page - STMicroelectronics UM1569 Datasheet HTML 22Page - STMicroelectronics UM1569 Datasheet HTML 23Page - STMicroelectronics UM1569 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
DocID23586 Rev 1
21/24
UM1569
Bill of material
T2
Transformer T60404-E4622-X002
SISRAM
SISRAM
T3
1801.004 REV1
MAGNETICA
F1
FUSE 240V 1A MST785210 OMEGA
OMEGA
F2
FUSE 240V 16A GT520316 OMEGA
OMEGA
PF2
PFUSE PZ1006 Omega Alt Farnell 146-
123
OMEGA
PF1
Omega c7850
JP1 JP2
DH29-0013-A
JMP L4.8W2.54H5.0 P2.54
J4 J12
DH20-0117-B
CONN 801-83-050-10-001101 F H7MM
PDIP
J8 J10 SW2 JP1
JP2
DH20-0174-A
STRIP M 1X40PIN DIR P2.54 T6/2.5/B3.0
SN
J1
CNN 750V 20A P7.5 FA 3882573
Wurth 691 217 910 002
J5 J6
Strip 50way Pcb Stacker 36.32mm (reduce
the Hights)
RS 277-9758
J7 (CS2), J9 (CS3)
CNN 10P F P1.27 SMD 8-188275-0 AMP
FA 3784745 Wurth 690 367
281 076
Flex
CNN 10P M P1.27 FLEX 8-215083-0 AMP
FA 149081
Wurth 690 157 001
072
SW1 SW3 SW4
RESET
DH29-0030-A
Spacer M3 F/F h40mm Polyamide
DH29-0055A
Flate washer - Nylon 6.6 M3 Box 50
RS 525739
DH29
Cylindrical screw - Nylon M3x12mm
Box
100
RS 527-987
DH29
Gauge M3x25mm Box 50
RS 325-716
DH29
M-F NYLON SPACER,M3X10MM Box50
RS 325-687
DH29
SCREW INOX 2,9X6,5MM TCTF
Ferramenta Ferrero Caselle
Bezel + Screws
Mask + Screws - Living Art L4803 BLACK
BTicino
Veglio Aldo Elettricita' -
Illuminazione
Chassis
Chassis - Living Art L4703 BTicino
Veglio Aldo Elettricita' -
Illuminazione
Table 12. BOM (continued)
Reference
Order code
Description
Retailer/dealer device code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com