Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1599 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1599
Description  The STPM01 and STPM1x evaluation software
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1599 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1599 Datasheet HTML 9Page - STMicroelectronics UM1599 Datasheet HTML 10Page - STMicroelectronics UM1599 Datasheet HTML 11Page - STMicroelectronics UM1599 Datasheet HTML 12Page - STMicroelectronics UM1599 Datasheet HTML 13Page - STMicroelectronics UM1599 Datasheet HTML 14Page - STMicroelectronics UM1599 Datasheet HTML 15Page - STMicroelectronics UM1599 Datasheet HTML 16Page - STMicroelectronics UM1599 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DocID024146 Rev 1
13/17
UM1599
Application work area
5.2
Calculated values
On the topmost section of the work area, all data, calculated from the device’s registers, are
available, such as:
Type0, Type1, reactive and apparent power values
RMS and instantaneous values of voltage and current
Line voltage frequency
All calculation formulas can be found in the AN2159: SPI protocol for the STPM01/STPM10
metering devices.
5.3
Status bits
There is a group-box (Status) showing the device status bits.
These bits are read-only and are automatically updated every time the device is read.
5.4
Mode signals
The mode signal group-box shows the device mode signals.
This is a read/write area: the mode signals are updated every time the device is read. To set
or clear these bits, the user should respectively check or unchecked the related check box,
then right-click and click on the “Write” button. One mode signal is written at a time.
The mode signal check boxes are automatically updated every time the device is read.
Note:
When the user selects “Write SHL” (write to shadow memory) or “Write OTP” (write
permanently to OTP memory) the software manages by itself the mode signals to perform
these operations.
5.5
Configurators
In the configurator area, divided into two tabs, all device configuration bits can be read and
written.
These bits are automatically updated every time the device is read. To set or clear a
configuration bit, the user should select the desired value from the check box or combo-box,
then use the button "Write SHL" or "Write OTP" from the command area to respectively
write temporarily or permanently all the configurators.
The TSTD bit is disabled and can be only set by the "Lock" button.
Note:
All the configuration bits are written at the same time.
5.6
Command area
The command buttons to read, write, reset and lock the device are in this area.
For details on these operations, please refer to each device datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com